Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA800RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA800RW
Description  MA800RW SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA800RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA800RW Datasheet HTML 1Page - MicroPower Direct, LLC MA800RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Derating Curve
Pin
Single
Dual
2-VIN
-VIN
3-VIN
-VIN
9
No Pin
Common
11
NC
-VOUT
14
+VOUT
+VOUT
16
-VOUT
Common
22
+VIN
+VIN
23
+VIN
+VIN
NC: No Connection
Pin Connections
Model
Number
Input
Output
Max
Capacitive
Load
(µF Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA812S-03RW
12
9.0 - 18.0
687
20
3.3
2,000
0.0
3,300
80
2,000
MA812S-05RW
12
9.0 - 18.0
762
20
5.0
1,500
0.0
2,200
82
2,000
MA812S-12RW
12
9.0 - 18.0
784
20
12.0
665
0.0
470
85
2,000
MA812S-15RW
12
9.0 - 18.0
803
20
15.0
535
0.0
220
83
2,000
MA812D-05RW
12
9.0 - 18.0
813
20
±5.0
±800
±0.0
±1,000
82
2,000
MA812D-12RW
12
9.0 - 18.0
794
20
±12.0
±335
±0.0
±220
84
2,000
MA812D-15RW
12
9.0 - 18.0
794
20
±15.0
±265
±0.0
±100
84
2,000
MA824S-03RW
24
18.0 - 36.0
344
15
3.3
2,000
0.0
3,300
80
1,000
MA824S-05RW
24
18.0 - 36.0
381
15
5.0
1,500
0.0
2,200
82
1,000
MA824S-12RW
24
18.0 - 36.0
392
15
12.0
665
0.0
470
85
1,000
MA824S-15RW
24
18.0 - 36.0
397
15
15.0
535
0.0
220
84
1,000
MA824D-05RW
24
18.0 - 36.0
407
15
±5.0
±800
±0.0
±1,000
82
1,000
MA824D-12RW
24
18.0 - 36.0
402
15
±12.0
±335
±0.0
±220
83
1,000
MA824D-15RW
24
18.0 - 36.0
392
15
±15.0
±265
±0.0
±100
85
1,000
MA848S-03RW
48
36.0 - 72.0
172
15
3.3
2,000
0.0
3,300
80
500
MA848S-05RW
48
36.0 - 72.0
191
15
5.0
1,500
0.0
2,200
82
500
MA848S-12RW
48
36.0 - 72.0
198
15
12.0
665
0.0
470
84
500
MA848S-15RW
48
36.0 - 72.0
198
15
15.0
535
0.0
220
84
500
MA848D-05RW
48
36.0 - 72.0
203
15
±5.0
±800
±0.0
±1,000
82
500
MA848D-12RW
48
36.0 - 72.0
196
15
±12.0
±335
±0.0
±220
85
500
MA848D-15RW
48
36.0 - 72.0
196
15
±15.0
±265
±0.0
±100
85
500
Notes:
1. Load regulation is specified for a load change of 0% to 100%. Load regulation for 3.3V output models
is ±1.5% max for a load change of 0% to 100%.
2. When measuring cross regulation, the load on one output is varied from 25% to 100% while the other
output is held at 100%.
3. When measuring output ripple, it is recommended that an external 1.0 µF ceramic capacitor be placed
from the +VOUT pin to the -VOUT pin for single output units and from each output to common for dual
output units. For noise sensitive applications, the use of 3.3 µF capacitors will reduce the output ripple.
4. To help meet conducted emissions requirements, the Pi filter components (C1, & L1) in the diagram
below should be used. These components should be mounted as close to the module as possible.
To meet the requirements of EN 61000-4-4 and EN 61000-4-5, an external filter capacitor (C2 in the
diagram below) is required.
5. Operation at no-load will not damage these units. However, they may not meet all specifications.
6. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output. To do this, connect
the load across the positive (+VOUT) and negative (-VOUT) outputs and float the output common.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the table
above for the correct rating.
Recommended Input Components



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com