Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVN013PBF Datasheet(PDF) 1 Page - International Rectifier

Part # PVN013PBF
Description  HEXFET짰 Power MOSFET Photovoltaic Relay HEXFET짰 Power MOSFET Photovoltaic Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVN013PBF Datasheet(HTML) 1 Page - International Rectifier

  PVN013PBF Datasheet HTML 1Page - International Rectifier PVN013PBF Datasheet HTML 2Page - International Rectifier PVN013PBF Datasheet HTML 3Page - International Rectifier PVN013PBF Datasheet HTML 4Page - International Rectifier PVN013PBF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet No. PD 10059 revH
Series PVN013PbF
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single Pole, Normally Open, 0-20V, 2.5A AC/ 4.5A DC
General Description
The PVN013 Series Photovoltaic Relay at 100
milliohms features the lowest possible on-state
resistance in a miniature package — lower than a
comparable reed relay.
The PVN013 is a single-pole, normally open solid-
state relay. It utilizes a GenerationV HEXFET output
switch, driven by an integrated circuit photovoltaic
generator of novel construction. The output switch
is controlled by radiation from a GaAlAs light emit-
ting diode (LED) which is optically isolated from the
photovoltaic generator.
These units exceed the performance capabilities of
electromechanical relays in life, sensitivity, stable
on-resistance, low off-state leakage, miniaturization,
magnetic insensitivity and ruggedness. They are ide-
ally suited for switching high currents or low level sig-
nals without distortion or injection of electrical noise.
Series PVN013 Relays are packaged in a
6-lead molded DIP package with either thru-hole
or surface mount (gull-wing) terminals. They are
available in standard plastic shipping tubes or on
tape-and-reel. Please refer to part identification in-
formation opposite.
Applications
Portable Electronics
Industrial Control
Computers and Peripheral Devices
Audio Equipment
Power Supplies and Power Distribution
Instrumentation
Part Identification
PVN013PbF
thru-hole
PVN013SPbF
surface-mount
PVN013S-TPbF
surface-mount, tape
and reel
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Features
100mΩ On-Resistance
Extremely low off-state leakage
Bounce-free operation
2.5 - 4.5 Amp capacity
Linear AC/DC operation
4,000 V
RMS I/O isolation
Solid-State reliability
UL recognized
ESD Tolerance:
4000V Human Body Model
500V Machine Model
www.irf.com
1


Similar Part No. - PVN013PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVN013PBF IRF-PVN013PBF Datasheet
191Kb / 6P
Extremely low off-state leakage
PVN013PBF IRF-PVN013PBF_15 Datasheet
191Kb / 6P
Extremely low off-state leakage
More results

Similar Description - PVN013PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT212 IRF-PVT212 Datasheet
94Kb / 5P
Power MOSFET Photovoltaic Relay
PVN013 IRF-PVN013 Datasheet
121Kb / 5P
HEXFET POWER MOSFET PHOTOVOLTAIC RELAY
PVD13N IRF-PVD13N Datasheet
98Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
PVN012APBF IRF-PVN012APBF_07 Datasheet
298Kb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay
PVN012PBF IRF-PVN012PBF Datasheet
1Mb / 5P
Series PVN012PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
PVT312LPBF IRF-PVT312LPBF Datasheet
1Mb / 5P
Series PVT312PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
PVA13NPBF IRF-PVA13NPBF Datasheet
1,011Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVD13NPBF IRF-PVD13NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open
PVAZ172NS IRF-PVAZ172NS Datasheet
602Kb / 5P
HEXFET Power MOSFET Photovoltaic Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com