Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT412PBF Datasheet(PDF) 1 Page - International Rectifier

Part # PVT412PBF
Description  HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT412PBF Datasheet(HTML) 1 Page - International Rectifier

  PVT412PBF Datasheet HTML 1Page - International Rectifier PVT412PBF Datasheet HTML 2Page - International Rectifier PVT412PBF Datasheet HTML 3Page - International Rectifier PVT412PBF Datasheet HTML 4Page - International Rectifier PVT412PBF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet No. PD 60040 revL
Series PVT412PbF
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single Pole, Normally Open,
0-400V, 140mA AC/DC
General Description
The PVT412 Series Photovoltaic Relay is a single-pole,
normally open solid-state relay that can replace elec-
tromechanical relays in many applications. It utilizes
International Rectifier’s proprietary HEXFET power
MOSFET as the output switch, driven by an integrated
circuit photovoltaic generator of novel construction. The
output switch is controlled by radiation from a GaAlAs
light emitting diode (LED) which is optically isolated
from the photovoltaic generator.
These SSRs are specifically designed for worldwide
telecom applications. PVT412L employs an active
current-limiting circuitry enabling it to pass FCC Part
68 and other regulatory agency current surge re-
quirements when overvoltage protection is provided.
PVT412 does not employ the current-limiting circuitry
and offers lower on-state resistance.
Series PVT412 Relays are packaged in a 6-lead
molded DIP package with either thru-hole or surface
mount (‘gull-wing’) terminals. It is available in standard
plastic shipping tubes or on tape-and-reel.Please refer
to part identification information opposite.
Applications
On/Off hook switch
Dial-Out Relay
Ring Relay
General Switching
Part Identification
PVT412LPbF
PVT412LSPbF
PVT412LS-TPbF
PVT412PbF
PVT412SPbF
PVT412S-TPbF
current limit, thru-hole
current limit, surface-mount
surface-mount, Tape
and Reel
no current limit, thru-hole
no current limit, surface-
mount
no current limit, Tape
and Reel
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Features
HEXFET Power MOSFET output
Bounce-free operation
4,000 VRMS I/O isolation
Load current limiting
Linear AC/DC operation
Solid-State Reliability
ULRecognizedBABTcertified
ESD Tolerance:
4000V Human Body Model
500V Machine Model
www.irf.com
1


Similar Part No. - PVT412PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT412PBF IRF-PVT412PBF Datasheet
266Kb / 6P
Bounce-free operation
PVT412PBF IRF-PVT412PBF_15 Datasheet
266Kb / 6P
Bounce-free operation
More results

Similar Description - PVT412PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVU414 IRF-PVU414 Datasheet
205Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVD13N IRF-PVD13N Datasheet
98Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
PVT412ASPBF IRF-PVT412ASPBF Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVA13NPBF IRF-PVA13NPBF Datasheet
1,011Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVT212PBF IRF-PVT212PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-150V, 550mA AC / 825mA DC
PVT412APBF IRF-PVT412APBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 240mA AC / 360mA DC
PVT422PBF IRF-PVT422PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVU414PBF IRF-PVU414PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com