Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT422PBF Datasheet(PDF) 1 Page - International Rectifier

Part # PVT422PBF
Description  HEXFET짰 Power MOSFET Photovoltaic Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT422PBF Datasheet(HTML) 1 Page - International Rectifier

  PVT422PBF Datasheet HTML 1Page - International Rectifier PVT422PBF Datasheet HTML 2Page - International Rectifier PVT422PBF Datasheet HTML 3Page - International Rectifier PVT422PBF Datasheet HTML 4Page - International Rectifier PVT422PBF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet No. PD 10037 revI
Series PVT422PbF
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Dual Pole, Normally Open
0-400V, 120mA AC/DC
General Description
The PVT422 Series Photovoltaic Relay is a dual-
pole, normally open solid-state relay that can replace
electromechanical relays in many applications. It util-
izes International Rectifier’s HEXFET power MOSFET
as the output switch, driven by an integrated circuit
photovoltaic generator of novel construction. The
output switch is controlled by radiation from a GaAlAs
light emitting diode (LED) which is optically isolated
from the photovoltaic generator.
Series PVT422 Relays are packaged in an 8-pin,
molded DIP package with either thru-hole or surface
mount (gull-wing) terminals. It is available in standard
plastic shipping tubes or on tape-and-reel. Please refer
to Part Identification information opposite.
Applications
On/Off Hook switch
Dial-Out relay
Ring injection relay
General switching
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Part Identification
PVT422PbF
thru-hole
PVT422SPbF
surface-mount
PVT422S-TPbF
surface-mount,
Tape and Reel
Features
HEXFET Power MOSFET output
Bounce-free operation
4,000 V
RMS I/O isolation
Linear AC/DC operation
Solid-State Reliability
ULrecognizedandBABTcertified
www.irf.com
1


Similar Part No. - PVT422PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT422PBF IRF-PVT422PBF Datasheet
430Kb / 6P
HEXFET Power MOSFET output
PVT422PBF IRF-PVT422PBF_08 Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVT422PBF IRF-PVT422PBF_15 Datasheet
430Kb / 6P
HEXFET Power MOSFET output
More results

Similar Description - PVT422PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVO402P IRF-PVO402P Datasheet
281Kb / 6P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole, Normally Open Ring Detector 0-400V, 120mA AC/DC
PVT422 IRF-PVT422 Datasheet
304Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVT422P IRF-PVT422P Datasheet
331Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVR33N IRF-PVR33N Datasheet
94Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PVA13NPBF IRF-PVA13NPBF Datasheet
1,011Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVT322PBF IRF-PVT322PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT412APBF IRF-PVT412APBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 240mA AC / 360mA DC
PVT412PBF IRF-PVT412PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVU414PBF IRF-PVU414PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com