Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT422SPBF Datasheet(PDF) 2 Page - International Rectifier

Part # PVT422SPBF
Description  HEXFET짰 Power MOSFET Photovoltaic Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT422SPBF Datasheet(HTML) 2 Page - International Rectifier

  PVT422SPBF Datasheet HTML 1Page - International Rectifier PVT422SPBF Datasheet HTML 2Page - International Rectifier PVT422SPBF Datasheet HTML 3Page - International Rectifier PVT422SPBF Datasheet HTML 4Page - International Rectifier PVT422SPBF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series PVT422PbF
www.irf.com
2
Electrical Specifications (-40°C ≤ T
A ≤ +85°Cunlessotherwisespecified)
INPUT CHARACTERISTICS
Limits
Units
Minimum Control Current (See figure1)
2.0
mA
Maximum Control Current for Off-State Resistance @TA=+25°C
0.4
mA
Control Current Range (Caution: current limit input LED, see figure 5)
2.0 to 25
mA
Maximum Reverse Voltage
6.0
V
Connection Diagram
OUTPUT CHARACTERISTICS
Limits
Units
Operating Voltage Range
0 to ±400
V(DC or AC peak)
Maximum Load Current @ TA=+40°C
5mA Control (See figure 1) (single and dual channel operation)
120
mA
Maximum Peak Load Current (10ms maximum duration)
(single and dual channel operation)
350
mA
Maximum On-State Resistance @TA=+25°C
For 50mA Pulsed load, 5mA Control (see figure3)
35
Ω
Maximum Off-State Leakage @TA=+25°C, ±320V (see figure 4)
1.0
µA
Maximum Turn-On Time @TA=+25°C (see figure 6)
2.0
ms
For 50mA, 100 VDC load, 5mA Control
Maximum Turn-Off Time @TA=+25°C (see figure 6)
2.0
ms
For 50mA, 100 VDC load, 5mA Control
Maximum Output Capacitance @ 50VDC
12
pF
GENERAL CHARACTERISTICS
Limits
Units
Minimum Dielectric Strength, Input-Output
4000
VRMS
Minimum Dielectric Strength, Pole-to-Pole
1000
VDC
Minimum Insulation Resistance, Input-Output, @TA=+25°C, 50%RH, 100VDC
1012
Ω
Maximum Capacitance, Input-Output
1.0
pF
Maximum Pin Soldering Temperature (10 seconds maximum)
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
InternationalRectifierdoesnotrecommendtheuse
of this product in aerospace, avionics, military or
life support applications. Users of this International
Rectifier product in such applications assume all
risks of such use and indemnify International Recti-
fieragainstalldamagesresultingfromsuchuse.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com