Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT412SPBF Datasheet(PDF) 2 Page - International Rectifier

Part # PVT412SPBF
Description  HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT412SPBF Datasheet(HTML) 2 Page - International Rectifier

  PVT412SPBF Datasheet HTML 1Page - International Rectifier PVT412SPBF Datasheet HTML 2Page - International Rectifier PVT412SPBF Datasheet HTML 3Page - International Rectifier PVT412SPBF Datasheet HTML 4Page - International Rectifier PVT412SPBF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series PVT412PbF
www.irf.com
2
INPUT CHARACTERISTICS
PVT412L PVT412
Units
Minimum Control Current (see figure 1 and 2)
3.0
mA
Maximum Control Current for Off-State Resistance
0.4
mA
Control Current Range (Caution: current limit input LED, see figure 6)
3.0 to 25
mA
Maximum Reverse Voltage
6.0
V
Electrical Specifications (-40°C < TA < +85°C unlessotherwisespecified)
OUTPUT CHARACTERISTICS
PVT412L PVT412
Units
Operating Voltage Range
0 to ±400
V (DC or AC peak)
Maximum Load Current @ TA=+40°C
5mA Control (see figure 1 and 2)
A Connection
120
140
mA (AC or DC)
B Connection
130
150
mA (DC)
C Connection
200
210
mA (DC)
Maximum On-State Resistance @TA=+25°C
For 50mA Pulsed Load, 5mA Control (see figures 4)
A Connection
35
27
Ω
B Connection
18
14
Ω
C Connection
9
7
Ω
Maximum Off-State Leakage @TA=+25°C, ±400V (see figure 5)
1.0
µA
Current Limit @TA=+25°C, For 5mA Control Current:
Connection:
A
C
–
Ω
Maximum
130
260
n / a
Ω
Minimum
220
440
n / a
Ω
Complies with FCC Part 68 Surge Requirements*
yes
yes
Maximum Turn-On Time @TA=+25°C (see figures 7)
For 50mA, 100 VDC load, 5mA Control
2.0
ms
Maximum Turn-Off Time @TA=+25°C (see figures 7)
For 50mA, 100 VDC load, 5mA Control
0.5
ms
Maximum Thermal Offset Voltage @ 5mA Control
0.5
µV
Maximum Output Capacitance @ 50VDC
12
pF
GENERAL CHARACTERISTICS
Limits
Units
Minimum Dielectric Strength, Input-Output
4000
VRMS
Minimum Insulation Resistance, Input-Output @ TA=+25°C, 50%RH, 100 VDC
1012
Ω
Maximum Capacitance, Input-Output
1.0
pF
Maximum Pin Soldering Temperature (10 seconds maximum)
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
InternationalRectifierdoesnotrecommendtheuseofthisproductinaerospace,avionics,militaryorlifesupportapplications.
UsersofthisInternationalRectifierproductinsuchapplicationsassumeallrisksofsuchuseandindemnifyInternational
Rectifieragainstalldamagesresultingfromsuchuse.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com