Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34058AB Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM34058AB
Description  LM34058A/B Series . 3.40 inch 5x8 Dot Matrix LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM34058AB Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM34058AB Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM34058AB Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM34058AB Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121842
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 3.40 inch 5x8 Dot Matrix LED Display
Internal Circuit Diagram
LM34058A (Common Cathode Row)
LM34058B (Common Anode Row)
8
7
6
5
4
2
7
1
5
12
2
3
1
ROW
14
8
9
NO.
PIN
NO.
PIN
COL.
13
1
3
2
411
3
10
4
6
5
82
7
6
7
1
5
4
5
12
PIN
NO.
COL.
2
3
1
14
8
9
ROW
NO.
PIN
13
1
3
2
11
4
3
10
4
6
5
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LD34058AR
LD34058BR
GaAlAs
Super Red
640
12
15
LD34058AD
LD34058BD
GaAlAs
Hi-Red
640
27
37.5
LD34058AO
LD34058BO
GaAsP
Orange
625
10.5
13.5
LD34058AY
LD34058BY
GaAsP
Yellow
588
12
15
LD34058AG
LD34058BG
GaP
Green
568
10.5
13.5
LD34058AUR
LD34058BUR
AlGaInP
Ultra Red
640
45
67.5
LD34058AUO
LD34058BUO
AlGaInP
Ultra Orange
625
67.5
90
LD34058AUA
LD34058BUA
AlGaInP
Ultra Amber
605
45
67.5
LD34058AUY
LD34058BUY
AlGaInP
Ultra Yellow
595
45
67.5
LD34058AUG
LD34058BUG
AlGaInP
Ultra Green
573
45
67.5
LD34058APG
LD34058BPG
InGaN
Pure Green
525
180
450
LD34058AUB
LD34058BUB
InGaN
Ultra Blue
470
45
67.5
LD34058AUW
LD34058BUW
SMD
Ultra White
\
150
180
Unit:
\
\
\
nm
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com