Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAL11 Datasheet(PDF) 5 Page - Switchcraft, Inc.

Part # FAL11
Description  COMMERCIAL PHONE JACKS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

FAL11 Datasheet(HTML) 5 Page - Switchcraft, Inc.

  FAL11 Datasheet HTML 1Page - Switchcraft, Inc. FAL11 Datasheet HTML 2Page - Switchcraft, Inc. FAL11 Datasheet HTML 3Page - Switchcraft, Inc. FAL11 Datasheet HTML 4Page - Switchcraft, Inc. FAL11 Datasheet HTML 5Page - Switchcraft, Inc. FAL11 Datasheet HTML 6Page - Switchcraft, Inc. FAL11 Datasheet HTML 7Page - Switchcraft, Inc. FAL11 Datasheet HTML 8Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
cycles, minimum.
Military Jacks - 20,000 insertions/withdrawals, minimum.
Mechanical Shock: Military Jacks - Per MIL-STD 202,
method 213, Test Condition H (75g).
Vibration: Military Jacks - Per MIL-STD-202, method 213,
(10-55 Hz).
Insertion/Withdrawal Forces: (see charts below)
Commercial Jacks
Plug Diameter (inches) .210 .250
Insertion (maximum)
7 lb. 7 lb.
Withdrawal (minimum) 1 lb. 1 lb.
Military Jacks
Part Number
C11 C12A C12B
Insertion (maximum)
6 lb. 7 lb.
6 lb.
Withdrawal (minimum) 2 lb. 3 lb. 1.5 lb.
Withdrawal (maximum) 7 lb. 7 lb.
5 lb.
ELECTRICAL
Contact Resistance: Commercial Jacks - .030 ohms
maximum (initial), .050 ohms maximum (after humidity,
durability exposure). Per MIL-STD-202E.
Military Jacks - .010 ohms maximum (initial), .020 ohms
maximum (after life), .10 ohms maximum (after salt spray).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com