Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L11 Datasheet(PDF) 6 Page - Switchcraft, Inc.

Part # L11
Description  COMMERCIAL PHONE JACKS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

L11 Datasheet(HTML) 6 Page - Switchcraft, Inc.

  L11 Datasheet HTML 1Page - Switchcraft, Inc. L11 Datasheet HTML 2Page - Switchcraft, Inc. L11 Datasheet HTML 3Page - Switchcraft, Inc. L11 Datasheet HTML 4Page - Switchcraft, Inc. L11 Datasheet HTML 5Page - Switchcraft, Inc. L11 Datasheet HTML 6Page - Switchcraft, Inc. L11 Datasheet HTML 7Page - Switchcraft, Inc. L11 Datasheet HTML 8Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Insulation Resistance: Commercial Jacks - 10,000 M(omega)
minimum (initial), 1,000 M(omega) minimum (after humidity).
Military Jacks - 10,000 M(omega) minimum (initial), 1,000 M(omega)
minimum (after humidity, durability exposure).
Dielectric Withstanding Voltage: 500 V, 60 Hz (rms) AC.
Contact Rating: 1 A, 25 V DC.
ENVIRONMENTAL
Thermal Range: Commercial Jacks; -55°C to +85°C (non-
operating); -20°C to +65°C (operating).
Military Jacks; -55°C to +85°C (non-operating); -40°C to
+65°C (operating).
Thermal Shock: Commercial Jacks - Per MIL-STD 202,
method 107. Military Jacks - Per MIL-STD 202,
method 107.
Humidity: Commercial Jacks - Per MIL-STD 202,
method 106. Military Jacks - 0% to 95% operating and
non-operating.
Salt Spray: Commercial Jacks - Per MIL-STD 202,
method 101. Military Jacks - Per MIL-STD 202, method
101 (48 hours).
Moisture Resistance: Military Jacks - Per MIL-STD 202,
method 106 (240 hours).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com