Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT511 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT511
Description  8-Bit Digital POT with Independent Reference Inputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT511 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT511 Datasheet HTML 1Page - Catalyst Semiconductor CAT511 Datasheet HTML 2Page - Catalyst Semiconductor CAT511 Datasheet HTML 3Page - Catalyst Semiconductor CAT511 Datasheet HTML 4Page - Catalyst Semiconductor CAT511 Datasheet HTML 5Page - Catalyst Semiconductor CAT511 Datasheet HTML 6Page - Catalyst Semiconductor CAT511 Datasheet HTML 7Page - Catalyst Semiconductor CAT511 Datasheet HTML 8Page - Catalyst Semiconductor CAT511 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
DO
PROG
RDY/BSY
CLK
1
2
3
4
5
6
7
14
13
12
11
8
10
9
VDD
VREF H1
GND
VOUT1
CS
DI
VREF L1
NC
NC
NC
DO
PROG
RDY/BSY
CLK
1
2
3
4
5
6
7
14
13
12
11
8
10
9
VDD
VREF H1
GND
VOUT1
CS
DI
VREF L1
NC
NC
NC
GND
EEPROM
LATCH
DAC 1
12
PROG
RDY/
BSY
PROGRAM
CONTROL
H.V.
CHARGE
PUMP
SERIAL DATA OUTPUT
V
1
OUT
V
L1
REF
V
H1
REF
DO
VDD
DATA
CONTROLLER
14
3
CLK
CS
2
4
5
7
9
8
1
6
DI
CAT511
8-Bit Digital POT with Independent Reference Inputs
Advanced Information
FEATURES
s Output settings retained without power
s Output range includes both supply rails
s Programming voltage generated on-chip
s Serial
µP interface
s Single supply operation: 2.7V-5.5V
APPLICATIONS
s Automated product calibration.
s Remote control adjustment of equipment
s Offset, gain and zero adjustments in Self-
Calibrating and Adaptive Control systems.
s Tamper-proof calibrations.
DESCRIPTION
The CAT511 is an 8-Bit Memory DAC designed as an
electronic replacement for mechanical potentiometers
and trim pots. Intended for final calibration of products
such as camcorders, fax machines and cellular tele-
phones on automated high volume production lines and
systems capable of self calibration, it is also well suited
for applications were equipment requiring periodic ad-
justment is either difficult to access or located in a
hazardous environment.
The CAT511 consists of a programmable DAC with
independent high and low reference inputs and is ca-
pable of a rail to rail output swing. Output settings, stored
non-volatile EEPROM memory, are not lost when the
device is powered down and are automatically rein-
stated when power is returned.
The output can be
dithered to test new output values without effecting the
stored setting and can be read back without disturbing
the DAC’s output.
FUNCTIONAL DIAGRAM
PIN CONFIGURATION
Control of the CAT511 is accomplished with a simple 3
wire serial interface. A Chip Select pin allows several
CAT511's to share a common serial interface and com-
munications back to the host controller is via a single
serial data line thanks to the CAT511’s Tri-Stated Data
Output pin. A RDY/
BSYoutput working in concert with
an internal low voltage detector signals proper operation
of EEPROM Erase/Write cycle.
The CAT511 operates from a single 3–5 volt power
supply. The high voltage required for EEPROM Erase/
Write operations is generated on-chip.
The CAT511 is available in the 0
°C to 70°C Commercial
and –40
°C to +85°C Industrial operating temperature
ranges and offered in 14-pin plastic DIP and Surface
mount packages.
DIP Package (P)
SOIC Package (J)
CAT511
CAT511
CAT511
© 2001 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice


Similar Part No. - CAT511

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110 Datasheet
708Kb / 16P
32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
711Kb / 16P
32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
295Kb / 15P
32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
More results

Similar Description - CAT511

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7225 AD-AD7225 Datasheet
339Kb / 12P
LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV.B
logo
Catalyst Semiconductor
CAT512 CATALYST-CAT512 Datasheet
71Kb / 10P
8-Bit Dual Digital POT with Independent Reference Inputs
CAT513 CATALYST-CAT513 Datasheet
71Kb / 10P
8-Bit Dual Digital POT
CAT514 CATALYST-CAT514 Datasheet
84Kb / 11P
8-Bit Quad Digital POT
CAT515 CATALYST-CAT515 Datasheet
85Kb / 12P
8-Bit Quad Digital POT with Independent Reference Inputs
CAT521 CATALYST-CAT521 Datasheet
56Kb / 9P
8-Bit Digital POT With Independent Reference Inputs
CAT522 CATALYST-CAT522 Datasheet
70Kb / 10P
8-Bit Dual Digital POT With Independent Reference Inputs
logo
Microchip Technology
MCP433X MICROCHIP-MCP433X Datasheet
5Mb / 88P
7/8-Bit Quad SPI Digital POT with Volatile Memory
2010
logo
Analog Devices
AD7225LNZ AD-AD7225LNZ Datasheet
400Kb / 24P
LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
logo
Microchip Technology
MCP443X MICROCHIP-MCP443X Datasheet
5Mb / 94P
7/8-Bit Volatile Quad Digital POT with I2C Interface
08/04/10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com