Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPR60 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UPR60
Description  High Power Surface Mount Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPR60 Datasheet(HTML) 1 Page - Microsemi Corporation

  UPR60 Datasheet HTML 1Page - Microsemi Corporation UPR60 Datasheet HTML 2Page - Microsemi Corporation UPR60 Datasheet HTML 3Page - Microsemi Corporation UPR60 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microsemi
Watertown Division
580 Pleasant Street Watertown, MA 02472 617-926-0404, Fax: 617-924-1235
Page 1
Copyright
 2000
MSC
1597.PDF 2000-09-25
UPR60
ULTRA FAST RECTIFIER
W A T E R T O W N DI V I S I ON
DESCRIP T ION
DESCRIP T ION
DESCRIP T ION
DESCRIP T ION
Microsemi’s Powermite SMT
package offers high efficiency ultra
fast rectifiers with the power
handling capabilities previously
found only in much larger packages.
They are ideal for SMD applications
that operate at high frequencies.
The Powermite package’s full metallic
bottom eliminates the possibility of
solder flux entrapment during
assembly, and its unique locking tab
acts as an integral heat sink. Its
innovative design makes this device
ideal for use with automatic insertion
equipment.
POWERMITE PACKAGE
HIGH EFFICIENCY, 2A, 30ns
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
!"High Power Surface Mount
Package
!"Ultra-fast Recovery Time (30ns)
!"Low Forward Voltage
!"Compatible with Automatic
Insertion Equipment
!"Full Metallic Bottom Eliminates
Flux Entrapment
!"Integral Heat / Sink/Locking
Tabs
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFITS
SS
S
!"Switching and Regulating Power
Supplies
!"Charge Pump Circuits
!"Reduces reverse recovery loss
due to low IRM
!"Replaces wire bonded die with a
flip chip package
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
Maximum Reverse Voltage
600V
Average Power Dissipation @ TTab = 75ºC
2.5W
*
Thermal Resistance Junction to Tab
30º C/W
Thermal Resistance Junction to Bottom
10º C/W
Non-Repetitive Sinusoidal Surge Current (8.3mS)
20A
Operating and Storage Temperature
-55º to + 150º C
* WHEN MOUNTED ON A PC BOARD WITH 2 OZ. COPPER.
SPICE MODEL UPR60
SPICE MODEL UPR60
SPICE MODEL UPR60
SPICE MODEL UPR60
SURFACE MOUNT RECTIFIER
.MODEL UPR60 D(IS = 1.88N N = 1.6 RS = 0.133 IKF = 2.37M
+ XTI = 3 EG = 1.11 Cjo = 25p M = .41 Vj = .424 Fc = 0.5
+ Isr = 10n Nr = 2.135 Bv = 600 Ibv = 300n Tt = 62n
ELEC TRICA L SPE CI FICAT IONS
Test
Min
Typ
Max
Units
Conditions
Forward Voltage Vf
1.6
1.4
V
V
If = 2 A, TA = 25ºC
If = 1.2 A, TA = 25ºC
Reverse Current IR
1
100
µA
µA
VR = 600V, TA = 25ºC
VR = 600V, TA = 125ºC
Reverse Recovery Time Trr
30
ns
IF = 0.5A, IR = 1.0A, IREC = 0.25A, TA = 25ºC


Similar Part No. - UPR60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPR60 MICROSEMI-UPR60 Datasheet
101Kb / 4P
ULTRA FAST RECTIFIER
More results

Similar Description - UPR60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRS2040LT3 MOTOROLA-MBRS2040LT3 Datasheet
134Kb / 4P
Surface Mount Schottky Power Rectifier(SMB Power Surface Mount Package)
MBRS240LT3 MOTOROLA-MBRS240LT3 Datasheet
121Kb / 4P
Surface Mount Schottky Power Rectifier(SMB Power Surface Mount Package)
logo
ON Semiconductor
MBRA340T3 ONSEMI-MBRA340T3_06 Datasheet
54Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
October, 2006 ??Rev. 4
MBRA1H100T3G ONSEMI-MBRA1H100T3G Datasheet
122Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
January, 2012 ??Rev. 2
MBRS1540T3 ONSEMI-MBRS1540T3 Datasheet
70Kb / 5P
Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
August, 2005 ??Rev. 3
MBRA1H100 ONSEMI-MBRA1H100 Datasheet
251Kb / 6P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 ??Rev. 4
MBRA140 ONSEMI-MBRA140_V01 Datasheet
301Kb / 6P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
February, 2020 - Rev. 12
SS16T3G ONSEMI-SS16T3G Datasheet
280Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 - Rev. 9
SS22T3G ONSEMI-SS22T3G_V01 Datasheet
201Kb / 6P
Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
March, 2020 - Rev. 8
MBRA160 ONSEMI-MBRA160 Datasheet
263Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 - Rev. 14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com