Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS74 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS74
Description  DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS74 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS74 Datasheet HTML 1Page - Motorola, Inc 74LS74 Datasheet HTML 2Page - Motorola, Inc 74LS74 Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5-72
FAST AND LS TTL DATA
DUAL D-TYPE POSITIVE
EDGE-TRIGGERED FLIP-FLOP
The SN54 / 74LS74A dual edge-triggered flip-flop utilizes Schottky TTL cir-
cuitry to produce high speed D-type flip-flops. Each flip-flop has individual
clear and set inputs, and also complementary Q and Q outputs.
Information at input D is transferred to the Q output on the positive-going
edge of the clock pulse. Clock triggering occurs at a voltage level of the clock
pulse and is not directly related to the transition time of the positive-going
pulse. When the clock input is at either the HIGH or the LOW level, the D input
signal has no effect.
LOGIC DIAGRAM (Each Flip-Flop)
SET (SD)
4 (10)
CLEAR (CD)
1 (13)
CLOCK
3 (11)
D
2 (12)
Q
5 (9)
Q
6 (8)
MODE SELECT — TRUTH TABLE
OPERATING MODE
INPUTS
OUTPUTS
OPERATING MODE
SD
SD
D
Q
Q
Set
Reset (Clear)
*Undetermined
Load “1” (Set)
Load “0” (Reset)
L
H
L
H
H
H
L
L
H
H
X
X
X
h
l
H
L
H
H
L
L
H
H
L
H
* Both outputs will be HIGH while both SD and CD are LOW, but the output states are unpredictable
if SD and CD go HIGH simultaneously. If the levels at the set and clear are near VIL maximum then
we cannot guarantee to meet the minimum level for VOH.
H, h = HIGH Voltage Level
L, I = LOW Voltage Level
X = Don’t Care
i, h (q) = Lower case letters indicate the state of the referenced input (or output) one set-up time
i, h (q) = prior to the HIGH to LOW clock transition.
SN54/74LS74A
DUAL D-TYPE POSITIVE
EDGE-TRIGGERED FLIP-FLOP
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
14
1
D SUFFIX
SOIC
CASE 751A-02
LOGIC SYMBOL
VCC = PIN 14
GND = PIN 7
2
3
5
D
Q
CP
Q
CD
1
4
6
12
11
9
D
Q
CP
Q
CD
13
10
8
SD
SD


Similar Part No. - 74LS74

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LS74 NSC-74LS74 Datasheet
136Kb / 6P
Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
ON Semiconductor
74LS74 ONSEMI-74LS74 Datasheet
102Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
74LS74 FAIRCHILD-74LS74 Datasheet
67Kb / 6P
Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
Hitachi Semiconductor
74LS74 HITACHI-74LS74 Datasheet
69Kb / 6P
Dual D-type Positive Edge-triggered Flip-Flops(With Preset and Clear)
logo
SYC Electronica
74LS74 SYC-74LS74 Datasheet
240Kb / 6P
Dual D-Type Positive Edge - Triggered Flip-Flop
More results

Similar Description - 74LS74

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI-SN74AUC2G80 Datasheet
250Kb / 11P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com