Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT513 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT513
Description  8-Bit Dual Digital POT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT513 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT513 Datasheet HTML 1Page - Catalyst Semiconductor CAT513 Datasheet HTML 2Page - Catalyst Semiconductor CAT513 Datasheet HTML 3Page - Catalyst Semiconductor CAT513 Datasheet HTML 4Page - Catalyst Semiconductor CAT513 Datasheet HTML 5Page - Catalyst Semiconductor CAT513 Datasheet HTML 6Page - Catalyst Semiconductor CAT513 Datasheet HTML 7Page - Catalyst Semiconductor CAT513 Datasheet HTML 8Page - Catalyst Semiconductor CAT513 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT513
3
Advance Information
Doc. No. ___________ 3/01 M-1
DC ELECTRICAL CHARACTERISTICS (Cont.):
VDD = +2.7V to +5.5V , VREFH = +VDD, VREFL = 0V, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
FSO
Full-Scale Output Voltage
VR = VREFH–VREFL
0.99 VR
0.995 VR
—
V
ZSO
Zero-Scale Output Voltage
VR = VREFH–VREFL
—
0.005 VR
0.01 VR
V
IL
DAC Output Load Current
——
1
µA
ROUT
DAC Output Impedance
VDD = +5V
——
100k
Ω
VDD = +3V
——
150k
Ω
PSSR
Power Supply Rejection
ILOAD = 250 nA
——
1
LSB / V
TCO
VOUT Temperature Coefficient
VREFH = +5V, VREFL = 0V
——
200
µV/ °C
VDD = +5V, ILOAD = 250nA
TCREF
Temperature Coefficient of
VREFH to VREFL
—
700
—
ppm /
°C
VREF Resistance
IDD1
Supply Current (Read)
Normal Operating
—
40
50
µA
IDD2
Supply Current (Write)
VDD=5V
—
1200
2000
µA
VDD=3V
—
600
1200
µA
VDD
Operating Voltage Range
2.7
—
5.5
V
AC ELECTRICAL CHARACTERISTICS:
VDD = +2.7V to +5.5V, VREFH = +VDD, VREFL = 0V, unless otherwise specified
Temperature
Analog Output
Power Supply
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Digital
tCSMIN
Minimum CS Low Time
150
——
ns
tCSS
CS Setup Time
100
——
ns
tCSH
CS Hold Time
0
——
ns
tDIS
DI Setup Time
50
——
ns
tDIH
DI Hold Time
50
——
ns
tDO1
Output Delay to 1
——
150
ns
tDO0
Output Delay to 0
——
150
ns
tHZ
Output Delay to High-Z
—
400
—
ns
tBUSY
Erase/Write Cycle Time
—
45
ms
tLZ
Output Delay to Low-Z
—
400
—
ns
tPROG
Erase/Write Pulse Width
700
——
ns
tPS
PROG Setup Time
150
——
ns
tCLKH
Minimum CLK High Time
500
——
ns
tCLKL
Minimum CLK Low Time
300
——
ns
fC
Clock Frequency
DC
—
1
MHz
Analog
tDS
DAC Settling Time to 1/2 LSB
CLOAD = 10 pF, VDD = +5V
—
310
µs
CLOAD = 10 pF, VDD = +3V
—
610
µs
Pin Capacitance
CIN
Input Capacitance
VIN = 0V, f = 1 MHz(2)
—
8
—
pF
COUT
Output Capacitance
VOUT = 0V, f = 1 MHz(2)
—
6
—
pF
Notes:
1. All timing measurements are defined at the point of signal crossing VDD / 2.
2. These parameters are periodically sampled and are not 100% tested.
CL = 100 pF
see note 1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com