Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32FLZ-SM2-R-TB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 32FLZ-SM2-R-TB
Description  FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

32FLZ-SM2-R-TB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  32FLZ-SM2-R-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers 32FLZ-SM2-R-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
HJST
This extremely small 0.5mm pitch
connector with a height of only 2.0mm
above the PCB surface allows
interconnection in extremely small spaces
and is an example of JST's leading edge
technology.
Specifications –––––––––––––––––––
• Current rating:
0.5A AC, DC
• Voltage rating:
50V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/40m
Ω max.
After environmental testing/60m
Ω max.
• Insulation resistance:
800M
Ω min.
• Withstanding voltage:
200V AC/minute
• Applicable FFC and FPC:
Conductor pitch/0.5mm
Conductor width/0.35mm
Mating part thickness/0.3
±0.03mm
Note: FFC and FPC to be actually used should be checked for applicability.
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
FLZ CONNECTOR
0.5mm pitch/Connectors for FFC and FPC
Emboss Tape
• Zero insertion force mechanism
• Heat resisting design suitable for surface
mounting
• In-line surface mount tails
• Two types of connections
• Embossed tape for automatic mounting
0.5±0.03
3.3±0.1
1.2
±0.1
0.35±0.05
FPC
4.6
(0.7)
Note: 1. Tolerances are non-cumulative:
±0.03mm for all centers.
2. The dimensions above should serve as a guideline. Contact JST for details.
0.3±0.05
0.5±0.03
3.75
2.05
1.55
2.85
5.1
0.7
FPC
PC board layout (viewed from component side) and Assembly layout
Inner lock type


Similar Part No. - 32FLZ-SM2-R-TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
32FLZ-SM1-R-TB ETC2-32FLZ-SM1-R-TB Datasheet
133Kb / 5P
Connectors for FFC and FPC
More results

Similar Description - 32FLZ-SM2-R-TB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
FCI connector
62674 FCI-CONNECTOR-62674 Datasheet
1Mb / 10P
0.5MM FPC/FFC SMT CONNECTOR USED FOR FPC/FFC WITH 0.5MM CONTACK SPACING
logo
List of Unclassifed Man...
30FLT-SM2-TBLFSN ETC2-30FLT-SM2-TBLFSN Datasheet
119Kb / 2P
FLT CONNECTOR 0.5mm pitch/Connectors for FPC
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
0.5mm pitch/Connectors for FFC and FPC
FWG JST-FWG Datasheet
251Kb / 4P
0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com