Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2837 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SC2837
Description  Silicon NPN Epitaxial Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC2837 Datasheet(HTML) 1 Page - Sanken electric

  2SC2837 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
60
Silicon NPN Epitaxial Planar Transistor (Complement to type 2SA1186)
Application : Audio and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
150
150
5
10
2
100(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
sTypical Switching Characteristics (Common Emitter)
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
Ratings
100max
100max
150min
50min
∗
2.0max
70typ
60typ
Unit
µA
µA
V
V
MHz
pF
Conditions
VCB=150V
VEB=5V
IC=25mA
VCE=4V, IC=3V
IC=5A, IB=0.5A
VCE=12V, IE=–1A
VCB=80V, f=1MHz
VCC
(V)
60
RL
(
Ω)
12
IC
(A)
5
VB2
(V)
–5
IB2
(mA)
–500
ton
(
µs)
0.2typ
tstg
(
µs)
1.4typ
tf
(
µs)
0.35typ
IB1
(mA)
500
LAPT
2SC2837
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
3
2
1
0
0.5
1.0
2.0
1.5
Base Current I B(A)
I C=10A
5A
0
10
2
6
4
8
02
1
Base-Emittor Voltage V BE(V)
(V CE=4V)
0.2
1
3
0.5
1
1 0
100
1000 2000
Time t(ms)
100
50
3.5
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
2
1 0
100
200
0.2
1
0.5
10
30
5
Collector-Emitter Voltage V CE(V)
DC
Without Heatsink
Natural Cooling
0.02
0.1
1
1 0
20
50
100
200
Collector Current I C(A)
(V CE=4V)
Typ
0
0
2
4
6
10
8
2
13
4
Collector-Emitter Voltage V CE(V)
300mA
200mA
160mA
120mA
80mA
40mA
I B=20mA
400mA
(V CE=4V)
0.02
0.1
0.5
0.05
10
5
1
Collector Current I C(A)
20
50
100
200
125˚C
25˚C
–30˚C
–0.02
–0.1
–1
–6
40
20
0
120
100
80
60
(V CE=12V)
Emitter Current I E(A)
Typ
External Dimensions MT-100(TO3P)
15.6±0.4
9.6
ø3.2±0.1
2
3
1.05
+0.2
-0.1
BE
5.45±0.1
5.45±0.1
C
4.8±0.2
0.65
+0.2
-0.1
1.4
2.0±0.1
a
b
Weight : Approx 6.0g
a. Part No.
b. Lot No.
∗hFE Rank O(50 to 100), P(70 to 140), Y(90 to 180)


Similar Part No. - 2SC2837

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC2837 MOSPEC-2SC2837 Datasheet
115Kb / 3P
POWER TRANSISTORS(10A,150V,100W)
logo
Sanken electric
2SC2837 SANKEN-2SC2837 Datasheet
23Kb / 1P
Silicon NPN Epitaxial Planar Transistor(Audio and General Purpose)
logo
Savantic, Inc.
2SC2837 SAVANTIC-2SC2837 Datasheet
176Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2837 ISC-2SC2837 Datasheet
165Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2837 SAVANTIC-2SC2837 Datasheet
178Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC2837

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com