Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8663JB-BC Datasheet(PDF) 2 Page - California Eastern Labs

Part # NX8663JB-BC
Description  LASER DIODE 1 650nm InGaAsP MQW-DFB DC-PBH PULSED LASER DIODE MODULE FOR OTDR APPLICATION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8663JB-BC Datasheet(HTML) 2 Page - California Eastern Labs

  NX8663JB-BC Datasheet HTML 1Page - California Eastern Labs NX8663JB-BC Datasheet HTML 2Page - California Eastern Labs NX8663JB-BC Datasheet HTML 3Page - California Eastern Labs NX8663JB-BC Datasheet HTML 4Page - California Eastern Labs NX8663JB-BC Datasheet HTML 5Page - California Eastern Labs NX8663JB-BC Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NX8663JB-BC
R08DS0063EJ0100 Rev.1.00
Page 2 of 5
Jul 05, 2012
PACKAGE DIMENSIONS (UNIT: mm)
Optical Fiber
SMF,
Length: 1 m MIN.
#8
#7
#1
#14
LD
–
+
BOTTOM VIEW
Thermistor
Case
1
2
3
4
5
6
7
Cooler Anode
NC
NC
NC
Laser Anode,
Case Ground
NC
NC
8
9
10
11
12
13
14
NC
Laser Cathode
Laser Anode,
Case Ground
Thermistor
Thermistor
NC
Cooler Cathode
Pin No.
Pin No.
PIN CONNECTIONS
Function
Function
1.0
20.8
21.3
4.0
3.2
5.1
2.54
0.45
3.0
OPTICAL FIBER CHARACTERISTICS
Parameter
Specification
Unit
Mode Field Diameter
9.3
± 0.5
μm
Cladding Diameter
125
±2
μm
Maximum Cladding Noncircularity
2
%
Maximum Core/Cladding Concentricity
1.6
%
Outer Diameter
0.9
±0.1
mm
Cut-off Wavelength
1 100 to 1 280
nm
Minimum Fiber Bending Radius
30
mm
Fiber Length
1 000 MIN.
mm
Flammability
UL1581 VW-1
FC-UPC Connector
Fiber Length: 1 000 mm MIN.
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com