Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8563LB Datasheet(PDF) 2 Page - California Eastern Labs

Part # NX8563LB
Description  Nec CW In GaAsP MQW DFB LASER DIODE MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563LB Datasheet(HTML) 2 Page - California Eastern Labs

  NX8563LB Datasheet HTML 1Page - California Eastern Labs NX8563LB Datasheet HTML 2Page - California Eastern Labs NX8563LB Datasheet HTML 3Page - California Eastern Labs NX8563LB Datasheet HTML 4Page - California Eastern Labs NX8563LB Datasheet HTML 5Page - California Eastern Labs NX8563LB Datasheet HTML 6Page - California Eastern Labs NX8563LB Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS1
(TC = 25°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS
RATINGS
IF
Forward Current of LD
mA
300
VR
Reverse Voltage of LD
V
2.0
IF
Forward Current of PD
mA
10
VR
Reverse Voltage of PD
V
20
TC
Operating Case Temperature
°C
-20 to +70
TSTG
Storage Temperature
°C
-40 to +85
TSLD
Lead Soldering
°C
260
Temperature (10 s)
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
PART NUMBER
NX8563 Series
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
Im
Monitor Current, Pf = 10 mW, VR = 5 V
µA
100
2000
ID
Dark Current, VR = 5 V
nA
10
γ1
Tracking Error, Im = const.
dB
0.5
ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Monitor PD: TLD = TSET, TC = -20 to +70°C)
Pf
(mW)
TLD = TC = 25
°C
(at Pf (25
°C) = 10 mW)
TLD = 25
°C, TC = -20 to +70°C
20
0
Pf
Im
Im
Note:
1. γ = 10 log
Pf
10 mW
PART NUMBER
NX8563 Series
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
R
Thermistor Resistance, TLD = 25°CkΩ
9.5
10.0
10.5
B
B Constant
K
3350
3450
3550
IC
Cooler Current, ∆T = 70 - Tset, Pf = 10 mW
A
1
VC
Cooler Voltage, ∆T = 70 - Tset, Pf = 10 mW
V
2
ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Thermistor and TEC: TLD = TSET, TC = -20 to +70°C)
NX8563 SERIES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com