Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7204 Datasheet(PDF) 3 Page - Coto Technology

Part # 7204
Description  7000 SERIES/HIGH RELIABILITY REED RELAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

7204 Datasheet(HTML) 3 Page - Coto Technology

  7204 Datasheet HTML 1Page - Coto Technology 7204 Datasheet HTML 2Page - Coto Technology 7204 Datasheet HTML 3Page - Coto Technology 7204 Datasheet HTML 4Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Contact
Form
Model
Number
Nominal
Coil
Voltage
VDC
Must
Operate
Voltage
VDC max.
Must
Release
Voltage
VDC min.
Coil
Resistance
±10% @25ºC
Width
(See Table #1)
Schematic Top View2,5
End to End
Same End
Coil
Coil
1A
7101
5
12
24
3.75
9.0
18.0
0.4
1.0
2.0
300
1600
4200
A
2 4
1 3
6
E
5
4
1 3
6
E
2A
7102
5
12
24
3.75
9.0
18.0
0.4
1.0
2.0
150
1000
3500
B
24
1 3
6
E
8
5
5
4
1 3
6
E
7
8
3A
7103
5
12
24
3.75
9.0
18.0
0.4
1.0
2.0
100
800
2400
C
24
1 3
6
E
8
57
10
5
4
13
6
E
7
8
9
10
4A
7104
5
12
24
3.75
9.0
18.0
0.4
1.0
2.0
80
550
2000
D
24
13
6
9
8
57
E
12
10
5
4
13
6
E
7
8
9
10 12
11
1B4
7121
5
12
24
3.75
9.0
18.0
0.4
1.0
2.0
150
1000
3500
B
24
13
6
E
5
8
+
5
4
13
6
E
8
7
+
1C
7141
5
12
24
3.75
9.0
18.0
0.4
1.0
2.0
175
1100
4200
A
24
13
6
E
5
4
13
6
E
2C
7142
5
12
24
3.75
9.0
18.0
0.4
1.0
2.0
65
490
1550
C
24
13
6
E
8
57
10
5
4
13
6
E
79
8 10
3C
7143
5
12
24
3.75
9.0
18.0
0.4
1.0
2.0
55
300
1350
D
24
1 3
6
9
8
57
E
12
10
5
4
13
6
E
7
8
9
10 12
11
7000 SERIES/HIGH RELIABILITY REED RELAYS
tel: (401) 943.2686
|
fax: (401) 942.0920
28 | page



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com