Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD100DER Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MD100DER
Description  MD100DER SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MD100DER Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MD100DER Datasheet HTML 1Page - MicroPower Direct, LLC MD100DER Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pin
Function
1+VIN
2-VIN
7+VOUT
9-VOUT
10
Common
Pin Connections
Model Selection Guide
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MD105D-05ER
5
4.75 - 5.25
289
30
±5.0
±100
±10.0
69
600
MD105D-09ER
5
4.75 - 5.25
317
30
±9.0
±56
±6.0
63
600
MD105D-12ER
5
4.75 - 5.25
317
30
±12.0
±42
±5.0
63
600
MD105D-15ER
5
4.75 - 5.25
307
30
±15.0
±33
±4.0
65
600
MD112D-05ER
12
11.4 - 12.6
116
15
±5.0
±100
±10.0
72
250
MD112D-09ER
12
11.4 - 12.6
116
15
±9.0
±56
±6.0
62
250
MD112D-12ER
12
11.4 - 12.6
128
15
±12.0
±42
±5.0
65
250
MD112D-15ER
12
11.4 - 12.6
126
15
±15.0
±33
±4.0
66
250
MD124D-05ER
24
22.8 - 25.2
58
12
±5.0
±100
±10.0
72
150
MD124D-09ER
24
22.8 - 25.2
67
12
±9.0
±56
±6.0
62
150
MD124D-12ER
24
22.8 - 25.2
65
12
±12.0
±42
±5.0
64
150
MD124D-15ER
24
22.8 - 25.2
63
12
±15.0
±33
±4.0
66
150
Notes:
1. Operation at no load will not damage these units. However, they may not
meet all specifications.
2. These converters will operate without external components. However,
when measuring output ripple, it is recommended that an external
ceramic capacitor be placed from the +Vout pin to the -Vout pin for
single output units and from each output to common for dual output
units. An input capacitor will enhance stability over temperature and
input line variations. For applications requiring very low output noise
levels, a simple LC filter, as shown in the connection diagram below,
should be effective. Recommended component values are given in
the table below the diagram.
Mechanical Dimensions
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.02 (±0.50)
• Pin 1 is marked by a “dot” or indentation on the unit
Derating Curve
VIN
C1
L1
VOUT
L2, L3
C2, C3
5 VDC
4.7 µF/50V
4.7 - 10 µH
±5 VDC
4.7 - 10 µH
10 µF
12 VDC
4.7 µF/50V
4.7 - 10 µH
±9 VDC
4.7 - 10 µH
4.7 µF
24 VDC
1.0 µF/50V
4.7 - 10 µH
±12 VDC
4.7 - 10 µH
2.2 µF
±15 VDC
4.7 - 10 µH
1.0 µF
3. The typical switching frequency for the MD105D-15ER is 250 kHz. For the
MD124D-15ER the typical switching frequency is 300 kHz.
4. It is recommended that a fuse be used on the input of a power supply for
protection. See the Model Selection table above for the correct rating.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com