Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD100SER Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MD100SER
Description  MD100SER SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MD100SER Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MD100SER Datasheet HTML 1Page - MicroPower Direct, LLC MD100SER Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pin
Function
1+VIN
2-VIN
4-VOUT
6+VOUT
Pin Connections
Model Selection Guide
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MD0705S-05ER
5
4.75 - 5.25
220
30
5.0
150
15.0
68
500
MD105S-05ER
5
4.75 - 5.25
294
30
5.0
200
20.0
66
600
MD105S-09ER
5
4.75 - 5.25
285
30
9.0
111
12.0
70
600
MD105S-12ER
5
4.75 - 5.25
281
30
12.0
83
9.0
71
600
MD105S-15ER
5
4.75 - 5.25
274
30
15.0
67
7.0
73
600
MD105S-24ER
5
4.75 - 5.25
294
30
24.0
42
5.0
68
600
MD0712S-05ER
12
11.4 - 12.6
89
15
5.0
150
15.0
70
200
MD112S-05ER
12
11.4 - 12.6
124
15
5.0
200
20.0
67
250
MD112S-09ER
12
11.4 - 12.6
116
15
9.0
111
12.0
72
250
MD112S-12ER
12
11.4 - 12.6
119
15
12.0
83
9.0
70
250
MD112S-15ER
12
11.4 - 12.6
113
15
15.0
67
7.0
74
250
MD112S-24ER
12
11.4 - 12.6
122
15
24.0
42
5.0
68
250
MD0715S-05ER
15
14.25 - 15.75
74
12
5.0
150
15.0
68
150
MD115S-05ER
15
14.25 - 15.75
99
12
5.0
200
20.0
67
200
MD115S-09ER
15
14.25 - 15.75
94
12
9.0
111
12.0
71
200
MD115S-12ER
15
14.25 - 15.75
94
12
12.0
83
9.0
71
200
MD115S-24ER
15
14.25 - 15.75
98
12
24.0
42
5.0
68
200
MD0724S-05ER
24
22.8 - 25.2
46
8
5.0
150
15.0
68
100
MD124S-05ER
24
22.8 - 25.2
61
8
5.0
200
20.0
68
125
MD124S-09ER
24
22.8 - 25.2
61
8
9.0
111
12.0
68
125
MD124S-12ER
24
22.8 - 25.2
57
8
12.0
83
9.0
73
125
MD124S-15ER
24
22.8 - 25.2
56
8
15.0
67
7.0
75
125
MD124S-24ER
24
22.8 - 25.2
61
8
24.0
42
5.0
68
125
Notes:
1. Operation at no load will not damage these units. However, they may not meet all specifications.
2. These converters will operate without external components. However, when measuring output ripple, it is
recommended that an external ceramic capacitor be placed from the +Vout pin to the -Vout pin for single
output units and from each output to common for dual output units. An input capacitor will enhance stability
over temperature and input line variations. For applications requiring very low output noise levels, a simple
LC filter, as shown in the connection diagram below, should be effective. Recommended component values are
given in the table below the diagram.
Mechanical Dimensions
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.02 (±0.50)
• Pin 1 is marked by a “dot” or indentation on the unit
Derating Curve
VIN
C1
L1
VOUT
L2
C2
5 VDC
4.7 µF/50V
4.7 - 10 µH
5 VDC
4.7 - 10 µH
10 µF
12 VDC
4.7 µF/50V
4.7 - 10 µH
9 VDC
4.7 - 10 µH
4.7 µF
15 VDC
2.2 µF/50V
4.7 - 10 µH
12 VDC
4.7 - 10 µH
2.2 µF
24 VDC
1.0 µF/50V
4.7 - 10 µH
15 VDC
4.7 - 10 µH
1.0 µF
24 VDC
4.7 - 10 µH
0.47 µF
3. It is recommended that a fuse be used on the input of a power supply for
protection. See the Model Selection table above for the correct rating.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com