Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME05S Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # ME05S
Description  ME05S SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ME05S Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  ME05S Datasheet HTML 1Page - MicroPower Direct, LLC ME05S Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. Output load regulation is specified for a load change of 20% to 100%.
2. Operation at no-load will not damage these units. However, they may not meet all specifications.
3. These converters will operate without external components. However, to meet the specified EMI
limits, a simple external input filter is required. See the input filter note below for more information.
4. All units are rated for operation at full output power to +85
°C. Operation over +85°C without airflow
is not recommended. Output power should be derated linearly from 100% at 85
°C to 0% at 100°C.
5. It is recommended that a fuse be used on the input of a power supply for protection. See the Model
Selection table above for the correct rating.
VIN
(VDC)
C1
(µF)
L1
(µH)
C2
(µF)
C3
(pF)
3.3
2.2
18.0
5.0
2.2
18.0
12
2.2
18.0
24
2.2
18.0
2.2
470
48
10.0
18.0
2.2
470
Model Selection Guide
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
• Pin 1 is marked by a “dot” or indentation on the front of the unit
Model
Number
Input
Output
Load
Regulation
(% Typ)
Efficiency
(%, Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Nominal
Range
Full-Load
No-Load
ME0503S-03
3.3
2.97 - 3.63
205
20
3.3
152.0
±20
76
100
500
ME0503S-05
3.3
2.97 - 3.63
216
25
5.0
100.0
±10
70
100
500
ME0503S-09
3.3
2.97 - 3.63
216
25
9.0
56.0
±10
70
100
500
ME0503S-12
3.3
2.97 - 3.63
201
25
12.0
42.0
±10
72
100
500
ME0503S-15
3.3
2.97 - 3.63
208
25
15.0
33.0
±10
73
100
500
ME0503S-18
3.3
2.97 - 3.63
208
25
18.0
28.0
±10
73
100
500
ME0503S-24
3.3
2.97 - 3.63
208
25
24.0
21.0
±10
73
100
500
ME0505S-03
5.0
4.5 - 5.5
132
20
3.3
152.0
±20
76
100
250
ME0505S-05
5.0
4.5 - 5.5
121
13
5.0
100.0
±10
83
100
250
ME0505S-09
5.0
4.5 - 5.5
128
15
9.0
56.0
±10
78
100
250
ME0505S-12
5.0
4.5 - 5.5
127
18
12.0
42.0
±10
79
100
250
ME0505S-15
5.0
4.5 - 5.5
130
22
15.0
33.0
±10
77
100
250
ME0505S-18
5.0
4.5 - 5.5
127
20
18.0
28.0
±10
79
100
250
ME0505S-24
5.0
4.5 - 5.5
134
25
24.0
21.0
±10
75
100
250
ME0512S-03
12
10.8 - 13.2
58
15
3.3
152.0
±20
72
100
150
ME0512S-05
12
10.8 - 13.2
54
10
5.0
100.0
±10
78
100
150
ME0512S-09
12
10.8 - 13.2
57
15
9.0
56.0
±10
73
100
150
ME0512S-12
12
10.8 - 13.2
58
20
12.0
42.0
±10
72
100
150
ME0512S-15
12
10.8 - 13.2
61
20
15.0
33.0
±10
69
100
150
ME0512S-18
12
10.8 - 13.2
61
15
18.0
28.0
±10
68
100
150
ME0512S-24
12
10.8 - 13.2
59
15
24.0
21.0
±10
71
100
150
ME0524S-03
24
21.6 - 26.4
31
8
3.3
152.0
±20
69
100
75
ME0524S-05
24
21.6 - 26.4
29
8
5.0
100.0
±10
73
100
75
ME0524S-09
24
21.6 - 26.4
30
10
9.0
56.0
±10
71
100
75
ME0524S-12
24
21.6 - 26.4
30
8
12.0
42.0
±10
71
100
75
ME0524S-15
24
21.6 - 26.4
29
10
15.0
33.0
±10
73
100
75
ME0524S-18
24
21.6 - 26.4
29
10
18.0
28.0
±10
73
100
75
ME0524S-24
24
21.6 - 26.4
29
10
24.0
21.0
±10
72
100
75
ME0548S-03
48
43.2 - 52.8
17
6
3.3
152.0
±20
60
100
50
ME0548S-05
48
43.2 - 52.8
16
6
5.0
100.0
±10
66
100
50
ME0548S-09
48
43.2 - 52.8
17
6
9.0
56.0
±10
62
100
50
ME0548S-12
48
43.2 - 52.8
17
6
12.0
42.0
±10
64
100
50
ME0548S-15
48
43.2 - 52.8
17
6
15.0
33.0
±10
62
100
50
ME0548S-18
48
43.2 - 52.8
17
6
18.0
28.0
±10
62
100
50
ME0548S-24
48
43.2 - 52.8
18
10
24.0
21.0
±10
61
100
50
Mechanical Dimensions
Pin
Description
1-VIN
2+VIN
3-VOUT
4+VOUT
Pin Connections
www.micropowerdirect.com
Input Filter
The filter (C1, C2, C3 & L1) shown in the figure above
is required to meet EN 55022 level B. Recommended
component values are shown in the table at right.
Capacitor C1 is a 1210, 100V/ceramic, except for the
48V input which is a 100V/electrolytic. Capacitor C2 is a
1210 100V/ceramic. Capacitor C3 is a 1206 2 kV/ceramic.
Capacitor C4 is added to meet EN 61000-4-4 and
EN 61000-4-5. This capacitor is a 470 µF, 100V/electro-
lytic. All components should be mounted as close to the
unit as possible.
For 48VDC input models the width of the
unit is 0.29 (7.5) and the pins are set 0.08
(2.0) from the edge of the case. These
dimensions are identified with an “*” on
the mechanical drawing
Pin
Description
1
-VIN
2
+VIN
3
-VOUT
4
+VOUT
Pin Connection
For 48VDC input models the width of t
unit is 0.29 (7.5) and the pins are set 0.
(2.0) from the edge of the case. The
dimensions are identifiedwith an “*”
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com