Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC554XLD Datasheet(PDF) 5 Page - Sanken electric

Part # LC554XLD
Description  Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC554XLD Datasheet(HTML) 5 Page - Sanken electric

  LC554XLD Datasheet HTML 1Page - Sanken electric LC554XLD Datasheet HTML 2Page - Sanken electric LC554XLD Datasheet HTML 3Page - Sanken electric LC554XLD Datasheet HTML 4Page - Sanken electric LC554XLD Datasheet HTML 5Page - Sanken electric LC554XLD Datasheet HTML 6Page - Sanken electric LC554XLD Datasheet HTML 7Page - Sanken electric LC554XLD Datasheet HTML 8Page - Sanken electric LC554XLD Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
SANKEN ELECTRIC CO., LTD.
LC5540LD-DS
Single-Stage Power Factor Corrected
Off-Line Switching Regulator ICs
LC5540LD Series
January 28, 2013
10
1
0.1
0.01
Transient Thermal Resistance Curve
Time (s)
10–6
10–5
10–4
10–3
10–2
10–1
Ambient Temperature, TA (°C)
1.2
1.0
0.8
0.6
0.4
0.2
0
0
255075
125
100
150
MOSFET Temperature versus Power Dissipation Curve
Channel Temperature, Tch (°C)
100
80
60
40
20
0
25
50
75
125
100
150
MOSFET Avalanche Energy Derating Coefficient Curve
Drain-to-Source Voltage, VDS (V)
100
10
1
0.1
0.01
1
10
100
1000
MOSFET Safe Operating Area Curve
Drain current limited
by on-resistance
1 ms
0.1 ms
To use this graph, apply the S.O.A
temperature derating coefficient
taken from the graph at the left
TA = 25°C, single pulse
Channel Temperature, Tch (°C)
100
80
60
40
20
0
0
25
50
75
125
100
150
S. O. A. Temperature Derating Coefficient Curve
Characteristic Performance
LC5545LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com