Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML100D Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # ML100D
Description  ML100D SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML100D Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  ML100D Datasheet HTML 1Page - MicroPower Direct, LLC ML100D Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Notes:
1. Load regulation is measured for an output change of 20% to 100%.
2. When measuring output ripple, it is recommended that an external 0.33 µF
ceramic capacitor be placed from each output to the common pin. For noise
sensitive applications, the use of 3.3 µF capacitors will reduce the output ripple.
3. Operation at no-load will not damage these units. However, they may not meet
all specifications.
4. The converter should be connected to a low ac-impedance source. An input
source with a highly inductive impedance may affect the stability of the con-
verter. In applications where the converter output loading is high and input
power is supplied over long lines, it may be necessary to use a capacitor on
the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0
 at 100 kHz) capacitor
be mounted close to the converter. For 5V input units a 2.2 µF is recommended;
a 1.0 µF for 12V input units; and for 24V input models, a 0.47 µF.
5. Units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output. To do
this, connect the load across the positive (+Vout) and negative (-Vout) outputs
and float the output common.
6. It is recommended that a fuse be used on the input of a power supply for
protection. See the table above for the correct rating.
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the unit
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Output
Capacitive
Load
(µF, Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
ML105D-05
5
4.5 - 5.5
270
30
±5.0
±100
±2.0
10
74
33
500
ML105D-12
5
4.5 - 5.5
259
30
±12.0
±42
±0.8
8
78
33
500
ML105D-15
5
4.5 - 5.5
254
30
±15.0
±33
±0.7
7
78
33
500
ML112D-05
12
10.8 - 13.2
113
15
±5.0
±100
±2.0
8
74
33
200
ML112D-12
12
10.8 - 13.2
108
15
±12.0
±42
±0.8
5
78
33
200
ML112D-15
12
10.8 - 13.2
104
15
±15.0
±33
±0.7
5
79
33
200
ML124D-05
24
21.6 - 26.4
57
9
±5.0
±100
±2.0
8
73
33
100
ML124D-12
24
21.6 - 26.4
54
9
±12.0
±42
±0.8
5
78
33
100
ML124D-15
24
21.6 - 26.4
53
9
±15.0
±33
±0.7
5
78
33
100
Pin
Description
1-Vin
2+Vin
3
No Pin
4
Common
5
-Vout
6
No Pin
7
+Vout
8
No Pin
9
No Pin
10
NA
NA = Not for electrical connection
Pin Connections
Board Layout
Derating Curve
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com