Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML100SE Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # ML100SE
Description  ML100SE SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML100SE Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  ML100SE Datasheet HTML 1Page - MicroPower Direct, LLC ML100SE Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Input
Output
Load Regulation
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
% Typ.
% Max
ML105S-05E
5
4.5 - 5.5
250
20
5.0
200.0
20.0
12.0
15.0
80
500
ML105S-09E
5
4.5 - 5.5
250
20
9.0
111.0
12.0
8.0
10.0
80
500
ML105S-12E
5
4.5 - 5.5
250
20
12.0
84.0
8.0
7.0
10.0
80
500
ML105S-15E
5
4.5 - 5.5
250
20
15.0
67.0
7.0
6.0
10.0
80
500
ML105S-24E
5
4.5 - 5.5
250
20
24.0
42.0
4.0
5.0
10.0
80
500
ML112S-05E
12
10.8 - 13.2
104
15
5.0
200.0
20.0
12.0
15.0
80
200
ML112S-09E
12
10.8 - 13.2
104
15
9.0
111.0
12.0
8.0
10.0
80
200
ML112S-12E
12
10.8 - 13.2
103
15
12.0
84.0
8.0
7.0
10.0
81
200
ML112S-15E
12
10.8 - 13.2
103
15
15.0
67.0
7.0
6.0
10.0
81
200
ML112S-24E
12
10.8 - 13.2
103
15
24.0
42.0
4.0
5.0
10.0
81
200
ML115S-05E
15
13.5 - 16.5
83
10
5.0
200.0
20.0
12.0
15.0
80
200
ML115S-15E
15
13.5 - 16.5
82
10
15.0
67.0
7.0
6.0
10.0
81
200
ML124S-05E
24
21.6 - 26.4
52
7
5.0
200.0
20.0
12.0
15.0
80
100
ML124S-09E
24
21.6 - 26.4
52
7
9.0
111.0
12.0
8.0
10.0
80
100
ML124S-12E
24
21.6 - 26.4
51
7
12.0
84.0
8.0
7.0
10.0
81
100
ML124S-15E
24
21.6 - 26.4
51
7
15.0
67.0
7.0
6.0
10.0
81
100
ML124S-24E
24
21.6 - 26.4
51
7
24.0
42.0
4.0
5.0
10.0
81
100
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. When measuring output ripple, it is recommended that an external 0.33 µF ceramic capacitor be placed from
the +Vout pin to the -Vout pin.
3. The isolation capacitance of model ML124S-24E is 30 pF.
4. Operation at no load will not damage these units, however, they may not meet all specifications.
5. These converters are specified for operation without external components. However, in some applications the
addition of input/output capacitors will enhance stability and reduce output ripple. The simple connection shown
below will typically meet EN 55022 Class B.
Mechanical Dimensions
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the unit
Board Layout
Pin
Description
Pin
Description
1-VIN
4-VOUT
2+VIN
5+VOUT
8NC
NC = No Connection
Pin Connections
Derating Curve
VIN
C1
L1
C2
VOUT
C3
5 VDC
4.7 µF/50V
6.8 µH
---
5 VDC
10 µF
12 VDC
4.7 µF/50V
6.8 µH
---
9 VDC
4.7 µF
15 VDC
4.7 µF/50V
6.8 µH
470 pF/2kV
12 VDC
2.2 µF
24 VDC
4.7 µF/50V
6.8 µH
470 pF/2kV
15 VDC
1.0 µF
24 VDC
0.47 µF
6. It is recommended that a fuse be used on the input of a power supply for
protection. See the Model Selection table above for the correct rating.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com