Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML112S05 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # ML112S05
Description  ML100S SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML112S05 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  ML112S05 Datasheet HTML 1Page - MicroPower Direct, LLC ML112S05 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Notes:
1. Load regulation is measured for an output change of 20% to 100%.
2. When measuring output ripple, it is recommended that an external 0.33 µF ce-
ramic capacitor be placed from the +Vout pin to the -Vout pin. For noise sensitive
applications, the use of 3.3 µF capacitors will reduce the output ripple.
3. Operation at no-load will not damage these units. However, they may not meet all
specifications.
4. The converter should be connected to a low ac-impedance source. An input source
with a highly inductive impedance may affect the stability of the converter. In appli-
cations where the converter output loading is high and input power is supplied over
long lines, it may be necessary to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0
 at 100 kHz) capacitor
be mounted close to the converter. For 5V input units a 2.2 µF is recommended; a
1.0 µF for 12V & 15V input units; and for 24V input models, a 0.47 µF.
5. It is recommended that a fuse be used on the input of a power supply for protection.
See the table above for the correct rating.
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation
on the unit
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Output
Capacitive
Load
(µF, Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
ML105S-03
5
4.5 - 5.5
271
30
3.3
300
6.0
10
73
33
500
ML105S-05
5
4.5 - 5.5
256
30
5.0
200
4.0
10
78
33
500
ML105S-09
5
4.5 - 5.5
254
30
9.0
110
2.0
10
78
33
500
ML105S-12
5
4.5 - 5.5
259
30
12.0
84
1.5
8
78
33
500
ML105S-15
5
4.5 - 5.5
254
30
15.0
67
1.0
7
79
33
500
ML112S-03
12
10.8 - 13.2
112
15
3.3
300
6.0
8
74
33
200
ML112S-05
12
10.8 - 13.2
109
15
5.0
200
4.0
8
76
33
200
ML112S-09
12
10.8 - 13.2
106
15
9.0
110
2.0
8
78
33
200
ML112S-12
12
10.8 - 13.2
106
15
12.0
84
1.5
5
79
33
200
ML112S-15
12
10.8 - 13.2
105
15
15.0
67
1.0
5
80
33
200
ML115S-12
15
13.5 - 16.5
86
14
12.0
84
1.5
5
78
33
150
ML115S-15
15
13.5 - 16.5
86
14
15.0
67
1.0
5
78
33
150
ML124S-03
24
21.6 - 26.4
58
8
3.3
300
6.0
8
72
33
100
ML124S-05
24
21.6 - 26.4
54
8
5.0
200
4.0
8
78
33
100
ML124S-09
24
21.6 - 26.4
54
8
9.0
110
2.0
8
77
33
100
ML124S-12
24
21.6 - 26.4
55
8
12.0
84
1.5
5
77
33
100
ML124S-15
24
21.6 - 26.4
53
8
15.0
67
1.0
5
79
33
100
Pin
Description
1-Vin
2+Vin
3
No Pin
4
-Vout
5
+Vout
6
No Pin
7
No Pin
8NA
NA = Not for electrical connection
Pin Connections
Board Layout
Derating Curve
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com