Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT93C4621 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT93C4621
Description  Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C4621 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT93C4621 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C4621 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C4621 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C4621 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C4621 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C4621 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C4621 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C4621 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C4621 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
9-85
CAT93CXXXX (1K-16K)
Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
DESCRIPTION
The CAT93CXXXX is a single chip solution to three
popular functions of EEPROM memory, precision reset
controller and watchdog timer. The serial EEPROM
memory of the 93CXXXX can be configured either by 16-
bits or by 8-bits. Each register can be written (or read)
by using the DI (or DO pin).
The reset function of the 93CXXXX protects the system
during brown out and power up/down conditions. During
system failure the watchdog timer feature protects the
microcontroller with a reset signal. Catalyst's advanced
CMOS technology substantially reduces device power
requirements. The 93CXXXX is available in 8-pin DIP, 8-
pin TSSOP or 8-pin SOIC packages. It is designed to
endure 1,000,000 program/erase cycles and has a data
retention of 100 years.
PIN CONFIGURATION
BLOCK DIAGRAM
PIN FUNCTIONS
Pin Name
Function
CS
Chip Select
RESET/
RESET
Reset I/O
SK
Clock Input
DI
Serial Data Input
DO
Serial Data Output
VCC
+2.7 to 6.0V Power Supply
GND
Ground
ORG
Memory Organization
Note: When the ORG pin is connected to VCC, the X16 organiza
tion is selected. When it is connected to ground, the X8 pin
is selected. If the ORG pin is left unconnected, then an
internal pullup device will select the X16 organization.
93CX61X
93CX62X
93CX63X
FEATURES
s Watchdog Timer
s Programmable Reset Threshold
s Built-in Inadvertent Write Protection
—V
CC Lock Out
s High Speed Operation: 3MHz
s Low Power CMOS Technology
s x 16 or x 8 Selectable Serial Memory
s Self-Timed Write Cycle with Auto-Clear
s Sequential Read
s Fast Nonvolatile Write Cycle: 3ms Max
s Active High or Low Reset Outputs
—Precision Power Supply Voltage Monitoring
—5V, 3.3V and 3V options
s Hardware and Software Write Protection
s Power-Up Inadvertant Write Protection
s 1,000,000 Program/Erase Cycles
s 100 Year Data Retention
s Commercial, Industrial, and Automotive
Temperature Ranges
s 2.7-6.0 Volt Operation
s 16 Byte Page Mode
Advanced Information
CS
SK
DI
DO
VCC
RESET(
RESET)
ORG
GND
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
WDI
GND
1
2
3
4
8
7
6
5
RESET(
RESET)
CS
SK
DI
DO
VCC
RESET
GND
1
2
3
4
8
7
6
5
RESET
VCC
ADDRESS
DECODER
MEMORY ARRAY
DATA
REGISTER
MODE DECODE
LOGIC
CLOCK
GENERATOR
OUTPUT
BUFFER
DO
SK
CS
DI
ORG
GND
RESET Controller
High
Precision
Vcc Monitor
WDI RESET/
RESET
WATCHDOG
© 1998 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice


Similar Part No. - CAT93C4621

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
134Kb / 15P
1-Kb Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46 ONSEMI-CAT93C46 Datasheet
154Kb / 13P
1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
CAT93C46 ONSEMI-CAT93C46 Datasheet
173Kb / 16P
1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46 ONSEMI-CAT93C46 Datasheet
153Kb / 13P
1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
More results

Similar Description - CAT93C4621

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C161 CATALYST-CAT24C161 Datasheet
85Kb / 12P
Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com