Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P303 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # P303
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P303 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button P303 Datasheet HTML 41Page - List of Unclassifed Manufacturers P303 Datasheet HTML 42Page - List of Unclassifed Manufacturers P303 Datasheet HTML 43Page - List of Unclassifed Manufacturers P303 Datasheet HTML 44Page - List of Unclassifed Manufacturers P303 Datasheet HTML 45Page - List of Unclassifed Manufacturers P303 Datasheet HTML 46Page - List of Unclassifed Manufacturers P303 Datasheet HTML 47Page - List of Unclassifed Manufacturers P303 Datasheet HTML 48Page - List of Unclassifed Manufacturers P303 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 122 page
background image
42
MONOLITHIC O
OSCILLOSCOPE PPROBES
MODEL
ATTEN
CABLE
INPU
INPUT **1
BW
MAX
COMP
RREADOUT
+ 33%
METERS
RES M
M
CAP ppF
MHz
INPUT VV
RANGE ppF
95-1-1
X1
1.5
1
<43.0
20
600
95-10-1
X10
1.5
10
<10.0
100
600
10-60
NO
95-10-1-R
X10
1.5
10
<10.0
100
600
10-60
YES
95-10-2
X10
2.0
10
<10.5
100
600
10-60
NO
95-10-3
X10
3.0
10
<12.0
100
600
10-60
NO
95-SW-1
X10
1.5
10
<10.5
100
600
10-60
NO
X1
1
<45.0
8
95-SW-2
X10
2.0
10
<11.0
100
600
10-60
NO
X1
1
<56.0
6
95-SW-3
X10
3.0
10
<12.5
100
600
10-60
NO
X1
1
<80.0
5
The above supplied with Accessory KKit 995-00010 consisting of:
Sprung hook
95-0001
BNC adapter
95-0006
I.C. tip
95-0002
Insulated tip
95-0003
Trimmer tool
95-0007
6" Ground lead
95-0004
Note: 12" Ground lead 95-0005 is available as a spare. . . . . . . . . . . . . . . . . . . . . . . . . . . .
95-SW-2-R
X10
2.0
10
<14.0
100
600
15-47
YES
X1
1
<56.0
6.7
95-SW-2-HR
X10
2.0
10
<14.0
200
600
15-47
YES
X1
1
<56.0
6.7
The above supplied with Accessory KKit 995-00012 consisting of:
Sprung hook
95-0001
BNC adapter
95-0006
I.C. tip
95-0002
Insulated tip
95-0003
Trimmer tool
95-0007
6" Ground lead
95-0004
12" GROUND LEAD 95-0005
6-32 adapter
95-0009
*Banana plug tip
95-0011
*Alligator clip
95-0008
Dual probe holder
95-0013
- Low cost quality probes
- For all scopes D.C to 200 MHz
- Range includes switchable X1, X10
attenuation with readout feature
- Heavy duty tip
- Clip on ground lead
www.e-zz-hhooook.coom
m
*Used with 6-32 Adapter 95-0009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com