Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM-NM Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # XM-NM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XM-NM Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button XM-NM Datasheet HTML 17Page - List of Unclassifed Manufacturers XM-NM Datasheet HTML 18Page - List of Unclassifed Manufacturers XM-NM Datasheet HTML 19Page - List of Unclassifed Manufacturers XM-NM Datasheet HTML 20Page - List of Unclassifed Manufacturers XM-NM Datasheet HTML 21Page - List of Unclassifed Manufacturers XM-NM Datasheet HTML 22Page - List of Unclassifed Manufacturers XM-NM Datasheet HTML 23Page - List of Unclassifed Manufacturers XM-NM Datasheet HTML 24Page - List of Unclassifed Manufacturers XM-NM Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 122 page
background image
E-ZZ-M
MINI-HHOOK TTEST LLEADS
MINI-HHOOK: See selected model style.
.250” ((6.35mm) IINSULATED SSPADE LLUG: See Part No. 9208
MINI-HHOOK TTO ..250” ((6.35mm) IINSULATED SSPADE LLUG
Hook Model
Part Number
X100W
208W-(length)-(color)
XR
208XR-(length)-(color)
XL1
208XL1-(length)-(color)
E-ZZ-M
MINI-HHOOK HHEAVY DDUTY TTEST LLEADS
MINI-HHOOK: See selected model style.
Hook Model
Part Number
X100W
604W-(length)-(color)
XR
604XR-(length)-(color)
XL1
604XL1-(length)-(color)
MINI-HHOOK: See selected model style.
Hook Model
Part Number
X100W
613W-(length)-(color)
XR
613XR-(length)-(color)
XL1
613XL1-(length)-(color)
Coil cord, add C after part no. (Ex. 208WC)
Coil cord, add C after part no. (Ex. 604XRC)
MINI-HHOOK W
WITH HHEAVY DDUTY LLEAD TTO M
MINI-HHOOK XX100WA JJUMPER
Coil cord, add C after part no. (Ex. 613WC)
MINI-HHOOK W
WITH HHEAVY DDUTY LLEAD O
ONLY .. .. .. N
NO IINTERFACE
MINI-HHOOK: See selected model style.
STANDARD AALLIGATOR CCLIP: See Part No. 9274.
Hook Model
Part Number
X100W
619W-(length)-(color)
XR
619XR-(length)-(color)
XL1
619XL1-(length)-(color)
Coil cord, add C after part no. (Ex. 619XRC)
12”
18”
24”
30cm
45cm
60cm
60” Coil Cord
Standard wire for the following leads is 18 AWG PVC or 20 AWG coil cord.
36”
48”
60”
90cm
120cm
150cm
Additional lead lengths, wire types, and custom leads are available upon request.
PLEASE SPECIFY LENGTH IN INCHES WHEN ORDERING
Standard lengths include:
Ordering iinformation:
PART NO. - WIRE LENGTH - COLOR (Example: 604W-12-RED)
X100W model sshown
X100W model sshown
X100W model sshown
X100W model sshown
18
www.e-zz-hhooook.coom
m
Hook Model
Part Number
XL1 to X100W
221XL1-(length)-(color)
Coil cord, add C after part no. (Ex. 221XL1C)
MINI-HHOOK XX100W TTO M
MINI-HHOOK XXL1 JJUMPER
MINI-HHOOK XX100W: See Part No. X100W.
MINI-HHOOK XXL1: See Part No. XL1
MINI-HHOOK W
WITH HHEAVY DDUTY LLEAD TTO SSTANDARD AALLIGATOR CCLIP
MINI-HHOOK: See selected model style.
FEMALE 66-332 TTHREAD SSOCKET: See Part No. 9212.
MINI-HHOOK TTO FFEMALE 66-332 TTHREAD
Hook Model
Part Number
X100W
212W-(length)-(color)
XR
212XR-(length)-(color)
XL1
212XL1-(length)-(color)
Coil cord, add C after part no. (Ex. 212XL1C)
X100W model sshown
22 AWG PVC WIRE
18 AWG PVC WIRE
18 AWG PVC WIRE
18 AWG PVC WIRE
22 AWG PVC WIRE
22 AWG PVC WIRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com