Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPB10S15 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPB10S15
Description  MPB-10S Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPB10S15 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPB10S15 Datasheet HTML 1Page - MicroPower Direct, LLC MPB10S15 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Derating Curve
Notes:
1. Output voltage tolerance is measured at nominal input and 75% load.
2. For the MPB-10S-03, output ripple is ±50 mV typ. Output ripple is measured at 20 MHz
bandwidth using 0.1 µF and 10 µF capacitors connected in parallel as close to the power
supply terminals as possible.
3. These units will operate at no load without damage. For most applications however, MPD
recommends that a minimum load always be used. Contact the factory for more information.
4. Each unit includes an input fuse (250V/1A). Since this fuse is not field replaceable, it is
recommended that an external fuse of the same size be used on the input of the power
supply for protection.
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Other Models May Be Available. Contact The Factory For Details
www.micropowerdirect.com
Model
Number
Input
Output
Max
Output
Power
(W)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current (A)
115 VAC
230 VAC
Rated
% Min.
MPB-10S-03
0.50
0.25
3.3
2.50
0.00
8.25
67
MPB-10S-05
0.50
0.25
5.0
2.00
0.00
10.0
73
MPB-10S-09
0.50
0.25
9.0
1.12
0.00
10.0
72
MPB-10S-12
0.50
0.25
12.0
0.84
0.00
10.0
76
MPB-10S-15
0.50
0.25
15.0
0.67
0.00
10.0
76
MPB-10S-24
0.50
0.25
24.0
0.42
0.00
10.0
77
Pin
Description
1
AC-Neutral
2
AC-Line
3
-V Output
4
+V Output
Pin Connections



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com