Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL-05SE Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPL-05SE
Description  MPL-05SE Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPL-05SE Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPL-05SE Datasheet HTML 1Page - MicroPower Direct, LLC MPL-05SE Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
Pin
Function
Pin
Function
1
AC-Neutral
7
-VCAP
3
AC-Line
12
-VOUT
5+VCAP
14
+VOUT
Pin Connections
Model
Number
Output
Output
Voltage
Accuracy
(%)
Max
Capacitive
Load
(µF)
Efficiency
(%, Typ)
Voltage
(VDC)
Current
(mA Max.)
MPL-05S-03E
3.3
1,000
±2.0
1,000
65
MPL-05S-05E
5.0
1,000
±1.0
1,500
70
MPL-05S-09E
9.0
560
±1.0
630
72
MPL-05S-12E
12.0
420
±1.0
470
74
MPL-05S-15E
15.0
340
±1.0
330
75
MPL-05S-24E
24.0
210
±1.0
100
75
Derating Curve
Mechanical Dimensions
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Typical Connection
1. It is recommended that an external fuse and NTC be used. The recommended
fuse is a 1.0A/250V slow blow and for the NTC, a 5D-9.
2. An external MOV is recommended on the input to protect the unit in the event of
a surge. A 561KD14 or equivalent is recommended.
3. The filter capacitor C1is required for specified operation.The recommended value
is 33 µF/400V.
4. The safety capacitors (Cx1 and CY0) provide EMI/RFI suppresion. Recommended
values are 0.22 µF/275 VAC (Cx1) and 1 nF/400 VAC (CY0).
5. Recommended values for other components are:
Output
C2
L1
C3
C4
TVS
3.3V
470 µF/16V
0.47 µH
150 µF/35V
100 nF/50V SMBJ7.0A
5.0V
470 µF/16V
0.47 µH
150 µF/35V
100 nF/50V SMBJ7.0A
9.0V
330 µF/35V
1.0 µH
150 µF/35V
100 nF/50V
SMBJ12A
12V
330 µF/35V
1.0 µH
150 µF/35V
100 nF/50V
SMBJ20A
15V
330 µF/35V
1.0 µH
150 µF/35V
100 nF/50V
SMBJ20A
24V
100 µF/35V
4.7 µH
47 µF/35V
100 nF/50V
SMBJ30A
The output filtering capacitors (C2,C3) are high frequency, low resistance electro-
lytic capacitors. Capacitor (C4) is ceramic. Voltage derating of capacitors should
be 80% or above.
6. Input noise and surge suppression modules are available for a number of MPD
AC/DC power supplies.An MPL-05SE connection with theACFM-01 is illustrated
in the diagram at left. For pricing or full technical information on these modules
(ACFM-01 and ACFM-02) please contact the factory.
Notes:
1. Operation at no load will not damage the units, however, they may not meet all specifications.
2. All units are rated for EN 55022 (CE/RE) class A with the addition of external components such
as the typical circuit shown below. They will meet class B with the addition of the ACFM-01 (or a
similar discrete filter circuit). Contact the factory for more information.
3. To meet the requirements of EN 61000-4-4 (±4 kV), external components are needed. This
can be done discretely, or with the addition of the ACFM-01. Contact the factory for more
information.
4. To meet the requirements of EN 61000-4-5 (±4 kV/±4 kV), external components are needed.
This can be done discretely, or with the addition of the ACFM-01. Contact the factory for more
information.
5. It is recommended that a fuse be used on the input of a power supply for protection. For
the MPL-05SE series, a 1.0A/250 VAC slow blow should be used.
Input Voltage Vs Load
The diagram below illustrates a typical application connection of the MPL-05SE series. Notes on this circuit (starting with the input circuit) are:
Typical Board Layout: With ACFM-01 Input Module (See note 6)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com