Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS83 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 74LS83
Description  4-BIT BINARY FULL ADDER WITH FAST CARRY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS83 Datasheet(HTML) 2 Page - Motorola, Inc

  74LS83 Datasheet HTML 1Page - Motorola, Inc 74LS83 Datasheet HTML 2Page - Motorola, Inc 74LS83 Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5-82
FAST AND LS TTL DATA
SN54/74LS83A
FUNCTIONAL DESCRIPTION
The LS83A adds two 4-bit binary words (A plus B) plus the incoming carry. The binary sum appears on the sum outputs (
∑1–∑4)
and outgoing carry (C4) outputs.
C0 + (A1+B1)+2(A2+B2)+4(A3+B3)+8(A4+B4) = ∑1+2∑2+4∑3+8∑4+16C4
Where: (+) = plus
Due to the symmetry of the binary add function the LS83A can be used with either all inputs and outputs active HIGH (positive
logic) or with all inputs and outputs active LOW (negative logic). Note that with active HIGH Inputs, Carry Input can not be left open,
but must be held LOW when no carry in is intended.
Example:
C0
A1
A2
A3
A4
B1
B2
B3
B4
∑1 ∑2 ∑3 ∑4
C4
Logic Levels
L
L
H
L
H
H
L
L
H
H
H
L
L
H
Active HIGH
0
0
1
0
1
1
0
0
1
1
1
0
0
1
(10+9 = 19)
Active LOW
1
1
0
1
0
0
1
1
0
0
0
1
1
0
(carry+5+6 = 12)
Interchanging inputs of equal weight does not affect the operation, thus C0, A1, B1, can be arbitrarily assigned to pins 10, 11,
13, etc.
FUNCTIONAL TRUTH TABLE
C (n–1)
An
Bn
∑n
Cn
L
L
L
L
L
L
L
H
H
L
L
H
L
H
L
L
H
H
L
H
H
L
L
H
L
H
L
H
L
H
H
H
L
L
H
H
H
H
H
H
C1 — C3 are generated internally
C0 — is an external input
C4 — is an output generated internally
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com