Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250VM120 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # SCF5250VM120
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250VM120 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button SCF5250VM120 Datasheet HTML 16Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 17Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 18Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 19Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 20Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 21Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 22Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 23Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
20
Freescale Semiconductor
.
3.19
BDM/JTAG Signals
The SCF5250 complies with the IEEE 1149.1A JTAG testing standard. The JTAG test pins are multiplexed
with background debug pins.
3.20
Clock and Reset Signals
The clock and reset signals configure the SCF5250 processor and provide interface signals to the external
system.
3.20.1
Reset In
Asserting RSTI causes the SCF5250SCF5250 to enter reset exception processing. When RSTI is
recognized, the data bus is tri-stated.
Table 12. Processor Status Signal Encodings
PST[3:0]
Definition
(HEX)
(BINARY)
$0
0000
Continue execution
$1
0001
Begin execution of an instruction
$2
0010
Reserved
$3
0011
Entry into user-mode
$4
0100
Begin execution of PULSE and WDDATA instructions
$5
0101
Begin execution of taken branch or Synch_PC1
1 Rev. B enhancement.
$6
0110
Reserved
$7
0111
Begin execution of RTE instruction
$8
1000
Begin 1-byte data transfer on DDATA
$9
1001
Begin 2-byte data transfer on DDATA
$A
1010
Begin 3-byte data transfer on DDATA
$B
1011
Begin 4-byte data transfer on DDATA
$C
1100
Exception processing2
2 These encodings are asserted for multiple cycles.
$D
1101
Emulator mode entry exception processing2
$E
1110
Processor is stopped, waiting for interrupt2
$F
1111
Processor is halted2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com