Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS5819-1 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # JS5819-1
Description  1 AMP SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

JS5819-1 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  JS5819-1 Datasheet HTML 1Page - Compensated Deuices Incorporated JS5819-1 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WORKING PEAK
MAXIMUM REVERSE
CDI
REVERSE
MAXIMUM FORWARD VOLTAGE
LEAKAGE CURRENT
TYPE
VOLTAGE
AT RATED VOLTAGE
NUMBER
VRWM
VF@0.1A
VF@1.0A
VF@3.1A
I R@25°C
I R@100°C
VOLTS
VOLTS
VOLTS
VOLTS
mA
mA
DSB5817
20
0.36
0.60
0.9
0.10
5.0
DSB5818
30
0.36
0.60
0.9
0.10
5.0
1N5819
40
0.36
0.60
0.9
0.10
5.0
J,JX,JV & JS
45
0.34
0.49
0.8
0.05
5.0
5819-1
1N6759
60
0.38
0.69
NA
0.10
6.0
1N6760
80
0.38
0.69
NA
0.10
6.0
1N6761
100
0.38
0.69
NA
0.10
6.0
J,JX,JV & JS
100
0.38
0.69
NA
0.10
12.0
6761-1
DSB1A20
20
0.36
0.60
0.9
0.10
5.0
DSB1A30
30
0.36
0.60
0.9
0.10
5.0
DSB1A40
40
0.36
0.60
0.9
0.10
5.0
DSB1A50
50
0.36
0.60
0.9
0.10
5.0
DSB1A60
60
0.38
0.69
NA
0.10
12.0
DSB1A80
80
0.38
0.69
NA
0.10
12.0
DSB1A100
100
0.38
0.69
NA
0.10
12.0
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
MAXIMUM RATINGS
Operating Temperature: -55°C to +125°C
Storage Temperature: -55°C to +150°C
Average Rectified Forward Current: 1.0 AMP @TL +55°C, L = 3/8”
Derating: 14 mA / °C above TL= +55°C, L = 3/8”
ELECTRICAL CHARACTERISTICS
@ 25°C, unless otherwise specified.
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed, DO – 41
LEAD MATERIAL: Copper clad steel
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC): 70
˚C/W maximum at L = .375 inch
THERMAL IMPEDANCE: (ZOJX): 12
˚C/W maximum
POLARITY:
Cathode end is banded.
MOUNTING POSITION: Any
• 1N5819-1 AND 1N6761-1AVAILABLE IN
JAN,JANTX, JANTXV,
AND JANS PER MIL-PRF-19500/586
• 1 AMP SCHOTTKY BARRIER RECTIFIERS
• HERMETICALLY SEALED
• METALLURGICALLY BONDED
1N5819
and
DSB5817 and DSB5818
and
1N6759 thru 1N6761
and
DSB1A20 thru DSB1A100


Similar Part No. - JS5819-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
JS5819UR-1 CDI-DIODE-JS5819UR-1 Datasheet
34Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - JS5819-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5819UR CDI-DIODE-1N5819UR Datasheet
34Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5819UR MICROSEMI-1N5819UR Datasheet
48Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
1N5819 MICROSEMI-1N5819 Datasheet
42Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIOTEC Electronics Corp...
SK102 DEC-SK102 Datasheet
424Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
1N5817 DEC-1N5817 Datasheet
400Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
SBDA-102-1B DEC-SBDA-102-1B Datasheet
426Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
SBDA-101-1B DEC-SBDA-101-1B Datasheet
419Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
New Jersey Semi-Conduct...
SK102 NJSEMI-SK102 Datasheet
82Kb / 1P
1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5818UR-1 MICROSEMI-1N5818UR-1 Datasheet
311Kb / 6P
1 Amp Schottky Barrier Rectifiers
1N5818-1 MICROSEMI-1N5818-1 Datasheet
434Kb / 6P
1 Amp Schottky Barrier Rectifiers
Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com