Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71908 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 71908
Description  Wiha Quality Tools Toll Free: (800) 494-6104
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

71908 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  71908 Datasheet HTML 1Page - List of Unclassifed Manufacturers 71908 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wiha Quality Tools
Germany
Tri Wing Power Bit Packs, 2
”
Item
No.
Size mm lbs. 2 Bit Pack
749 60
3
50
.06
749 61
4
50
.06
749 62
5
50
.06
749 63
6
50
.10
749
Toll Free: (800) 494-6104
196
Square Insert Bit Packs, 1
”
CVM S2 modified tool steel.
Item
No.
Size
mm
lbs.
2 Bit Pack
718 51
1
25
.03
718 52
2
25
.03
718 53
3
25
.03
718
Square Power Bit Packs, 2.0
” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 3 pc. bit pack.
748 90
Set includes the following bits:
Square Sizes:
wt. .08
1, 2, 3 x 2.0” (50mm)
748 90
Square Insert Bit Packs, 1
” CVM
S2 modified tool steel. 3 pc. bit pack
718 54
Set includes the following bits:
Square Sizes:
wt. .04
1, 2, 3 x 1” (25mm)
718 54
Square Insert Bits, 1/4”
Item
No.
Size mm
pkg.
lbs.
718 01
1
25
10
.11
718 02
2
25
10
.11
718 03
3
25
10
.11
718
Square Power Bits. 1/4” Hex Drive,
Length 2.0”/50mm
Item
No.
Size
mm
pkg.
lbs.
748 13
1
5010.20
748 16
2
5010.20
748 19
3
5010.20
748
Specialty Bits
The ideal multi-purpose tool
to meet high requirements in
terms of both quality and
performance
High resistant to wear and
tear for a long tool life
Suitable for all applications
Hardness HRC 59-61
Suitable for both manual
and machine applications
Impact resistant modified
CVM, tool steel, hardened
Security Hex
Spanner
Torq Set
Tri Wing
Pozidriv®
Square
Square Bits
Square Power Bit Packs, 2
”
CVM S2 modified tool steel.
Item
No.
Size mm
lbs.
2 Bit Pack
748 60
1
50
.05
748 61
2
50
.05
748 62
3
50
.05
748
Triwing Insert Bits, 1/4”/25mm
Item
No.
Size mm
pkg. lbs.
719 00
0
25
10
.10
719 01
1
25
10
.10
719 02
2
25
10
.10
719 03
3
25
10
.10
719 04
4
25
10
.13
719 05
5
25
10
.13
719
Triwing Power Bits, 1/4”/50mm
Item
No.
Size mm
pkg.
lbs.
749 01
3
50
10
.24
749 02
4
50
10
.24
749 03
5
50
10
.24
749 04
6
50
10
.46
749
Triwing Insert Bit Packs, 1
”
Item
No.
Size
mm
lbs.
2 Bit Pack
719 49
0
25
.03
719 50
1
25
.03
719 51
2
25
.03
719 52
3
25
.03
719 53
4
25
.03
719 13
5
25
.04
719
Tri Wing Bits
Triwing Insert Bit Packs, 1
”
6 pc. bit pack.
719 54
Set includes the following bits:
Triwing Sizes: 0, 1, 2,
wt. .07
3, 4, 5 x 1” (25mm)
719 54
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 71908

ManufacturerPart #DatasheetDescription
logo
SNA Europe
7190 LINDSTROM-7190 Datasheet
738Kb / 2P
Micro-Bevel® Cut Diagonal Cutter with Tapered Head & ESD Safe Handle 0.2 mm-1 mm
logo
Time Electronics Ltd.
7190 TIME-ELECTRONICS-7190 Datasheet
498Kb / 2P
7018 Differential Pressure Calibrator
06/22
More results

Similar Description - 71908

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20011 ETC2-20011 Datasheet
129Kb / 1P
Wiha Quality Tools
43622 ETC2-43622 Datasheet
163Kb / 1P
Wiha Quality Tools
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
28143 ETC2-28143 Datasheet
122Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
31495 ETC2-31495 Datasheet
256Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
32668 ETC2-32668 Datasheet
319Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
60116 ETC2-60116 Datasheet
206Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
71141 ETC2-71141 Datasheet
214Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
74309 ETC2-74309 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com