Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

712 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 712
Description  Wiha Quality Tools Toll Free: (800) 494-6104
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

712 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  712 Datasheet HTML 1Page - List of Unclassifed Manufacturers 712 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wiha Quality Tools
Germany
www.wihatools.com
197
Spanner Insert Bits, 1/4”
Item
No.
Size
mm
pkg.
lbs.
719 14
4
2510.11
719 16
6
2510.12
719 18
8
2510.12
719 20
10
25
10
.12
719
Spanner Insert Bit Packs, 1
”
CVM S2 modified tool steel.
Item
No.
Size
mm
lbs.
2 Bit Pack
719 63
425
.03
719 64
625
.03
719 65
825
.04
719 66
10
25
.04
719
Spanner Bits
Torq Set Power Bits, 1/4”/50mm
Item
No.
Size mm
pkg.
lbs.
749 11
4
50
10
.03
749 12
5
50
10
.03
749 13
6
50
10
.03
749 14
8
50
10
.04
749 15
10
50
10
.04
749
Torq Set Insert Bits, 1/4”
Item
No.
Size mm
pkg.
lbs.
719 21
0
25
10
.10
719 22
1
25
10
.10
719 23
2
25
10
.10
719 24
3
25
10
.10
719 07
4
25
10
.10
719 09
5
25
10
.10
719 06
6
25
10
.10
719 08
8
25
10
.13
719 10
10
25
10
.13
719
Torq Set Insert Bit Packs, 1
”
CVM S2 modified tool steel.
Item
No.
Size
mm
lbs.
2 Bit Pack
719 11
4
25
.03
719 12
5
25
.03
719 57
6
25
.03
719 58
8
25
.04
719 59
10
25
.04
719
Torq Set Bits
Torq Set Power Bit Packs, 2
”
CVM S2 modified tool steel.
Item
No.
Size mm lbs. 2 Bit Pack
749 64
4
50
.06
749 65
5
50
.06
749 66
6
50
.06
749 67
8
50
.07
749 68
10
50
.07
749
Pozidriv® Insert Bits, 1/4”
Item
No.
Size mm
pkg. lbs.
712 00
0
25
10
.10
712 01
1
25
10
.10
712 02
2
25
10
.10
712 03
3
25
10
.10
712
Pozidriv® Power Bits. 1/4” Hex Drive,
Length 2.0”/50mm
Item
No.
Size
mm
pkg.
lbs.
742 03
1
50
10
.24
742 12
2
50
10
.25
742 21
3
50
10
.26
742
Pozidriv® Power Bits. 1/4” Hex Drive,
Length 3.5”/90mm
Item
No.
Size
mm
pkg.
lbs.
742 07
1
90
10
.34
742 16
2
90
10
.46
742 25
3
90
10
.53
742
PoziDriv® Bits
Pozidriv® Insert Bit Packs, 1
”
CVM S2 modified tool steel.
Item
No.
Size
mm
lbs.
2 Bit Pack
712 50
0
25
.03
712 51
1
25
.03
712 52
2
25
.03
712 53
3
25
.04
712
Pozidriv® Insert Bit Packs, 1
” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 3 pc. bit pack.
712 54
Set includes the following bits:
Pozidriv® Sizes:
wt. .04
1, 2, 3 x 1” (25mm)
712 54
Pozidriv® Power Bit Packs, 2
”
CVM S2 modified tool steel.
Item
No.
Size mm
lbs.
2 Bit Pack
742 61
1
50
.06
742 62
2
50
.06
742 63
3
50
.07
742
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com