Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM-07PB Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPM-07PB
Description  MPM-07PB Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-07PB Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPM-07PB Datasheet HTML 1Page - MicroPower Direct, LLC MPM-07PB Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Pin
Function
1
AC-Neutral
2
AC-Line
3
+Vout
4
-Vout
Pin Connections
Notes:
1
. Load regulation is measured for an output change of 0% to 100% at
nominal input line.
2. Operation at no-load will not damage these units. However, they may
not meet all specifications.
3. Output short circuit protection is provided by a “hiccup mode” circuit.
The unit recovers automatically when the fault condition is removed.
4. Output overload protection is provided by a fold back current limit-
ing circuit.
5. It is recommended that an external slow blow fuse also be used on
the input for protection. See the table above for the correct rating.
Model
Number
Input
Output 1 (Vout 1)
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse
Rating
Slow-Blow
(mA)
Current (A)
Voltage
(VDC)
Current (A)
115 VAC 230 VAC
Max.
Min.
MPM-07S-03PB
0.96
0.051
3.3
1.400
0.140
70
2,200
1,500
MPM-07S-05PB
0.139
0.051
5.0
1.400
0.140
73
2,200
1,500
MPM-07S-12PB
0.130
0.051
12.0
0.583
0.058
78
1,000
1,500
MPM-07S-15PB
0.130
0.051
15.0
0.466
0.047
78
1,000
1,500
MPM-07S-24PB
0.130
0.051
24.0
0.291
0.029
78
680
1,500
Derating Curve
Other outputs may be available
Contact the factory for details at:
sales@micropowerdirect.com
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com