Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM-10PB Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPM-10PB
Description  MPM-10PB Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-10PB Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPM-10PB Datasheet HTML 1Page - MicroPower Direct, LLC MPM-10PB Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Model
Number
Input
Output
Maximum
Capacitive
Load
(µF)
Maximum
Output
Power
(W)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current
115 VAC
230 VAC
Max. (A)
Min. (%)
MPM-10S-03PB
0.171
0.128
3.3
2.500
10.0
2,200
8.25
70
MPM-10S-05PB
0.201
0.151
5.0
2.000
10.0
2,200
10.00
72
MPM-10S-12PB
0.191
0.143
12.0
0.833
10.0
1,000
10.00
76
MPM-10S-15PB
0.193
0.145
15.0
0.667
10.0
1,000
10.00
75
MPM-10S-24PB
0.201
0.151
24.0
0.417
10.0
680
10.00
72
Derating Curve
Mechanical Dimensions
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
1. Ripple and noise are measured at 20 Mhz
bandwidth with a 0.1µF and a 47 µF capacitor
connected in parallel as close to the unit output
terminals as possible.
2. Output short circuit protection is provided by a “hiccup
mode” circuit. The unit recovers automatically when
the fault condition is removed.
3. Operation at under no load conditions will not damage
these units.
4. It is recommended that a fuse be used on the
input of a power supply for protection. For the
MPM-10PB series, a 1.5A/250 VAC slow blow
should be used.
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Pin
Function
1
AC-Neutral
2
AC-Line
3
+Vout
4
-Vout
Pin Connections



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com