Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPO-100S Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPO-100S
Description  MPO-100S Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPO-100S Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPO-100S Datasheet HTML 1Page - MicroPower Direct, LLC MPO-100S Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Derating Curve
Notes:
1. Output voltage tolerance is measured at nominal input and 100%
load.
2. Output ripple is measured at 20 MHz bandwidth using 0.1 µF and
10 µF capacitors connected in parallel as close to the power supply
terminals as possible.
3. These units will operate at no load without damage. For most ap-
plications however, MPD recommends that a minimum load always
be used. Contact the factory for more information.
4. Each unit includes an input fuse (250V/2A). Since this fuse is not
field replaceable, it is recommended that an external fuse of the
same size be used on the input of the power supply for protection.
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Input
Output
Max
Output
Power
(W)
Max
Output
Capacitance
(µF)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current (A)
115 VAC
230 VAC
Rated
% Min.
MPO-100S-12
1.05
0.60
12.0
8.40
0.00
100
6,000
87
MPO-100S-15
1.05
0.60
15.0
6.70
0.00
100
6,000
87
MPO-100S-20
1.05
0.60
20.0
5.00
0.00
100
4,450
88
MPO-100S-24
1.05
0.60
24.0
4.20
0.00
100
4,450
88
MPO-100S-48
1.05
0.60
48.0
2.10
0.00
100
3,700
89
Connections
Input Connector (CN1):
• Molex 5273-03A or equivalent (one pin removed)
• Mating Housing: Molex 5195-03 or equivalent
• Mating Terminal: Molex 5293 or equivalent
Pin
Function
1
AC-Neutral
2
Removed
3
AC-Line
Safety Ground:
The mounting holes marked “Use metal standoffs” should be
connected to the system earth ground via metal spacers or
a cable. The input side mounting hole marked “FG” provides
the safety earth ground for the unit. This connection should
be locked to prevent possible loosening. Connecting the
output side mounting hole improves EMI.
Output Connector (CN2):
• Molex 5273-04A or equivalent
• Mating Housing: Molex 5195-04 or equivalent
• Mating Terminal: Molex 5293 or equivalent
Pin
Function
1+VOUT
2+VOUT
3-VOUT
4-VOUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com