Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

114809 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # 114809
Description  CompactPCI Connectors acc. to PIGMG 2.0 Rev. 3.0
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

114809 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button 114809 Datasheet HTML 17Page - List of Unclassifed Manufacturers 114809 Datasheet HTML 18Page - List of Unclassifed Manufacturers 114809 Datasheet HTML 19Page - List of Unclassifed Manufacturers 114809 Datasheet HTML 20Page - List of Unclassifed Manufacturers 114809 Datasheet HTML 21Page - List of Unclassifed Manufacturers 114809 Datasheet HTML 22Page - List of Unclassifed Manufacturers 114809 Datasheet HTML 23Page - List of Unclassifed Manufacturers 114809 Datasheet HTML 24Page - List of Unclassifed Manufacturers 114809 Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
min. 0.1
ø
0.6
+
-
0.05
ø
0.7
+
-
0.02
Restringbreite
Restring width
Durchmesser des
metallisierten Loches
Diameter of finished
plated-through hole
Bohrungsdurchmesser
des Loches
Diameter of drilled hole
max. 15 µm
Sn / SnPb
min. 25 µm Cu
Schichtaufbau im metallisierten Loch fuer EE-Kontakt
Metal plating of plated-through hole for EE-contact
fuer Einpresszone D = 0.72
for press-fit zone D = 0.72
Lochaufbau D=0.6
Hole design D=0.6
10:1
114406
Back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com