Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2810 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # CD2810
Description  SCHOTTKY BARRIER DIODE CHIPS FOR GENERAL PURPOSE APPLICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CD2810 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  CD2810 Datasheet HTML 1Page - Compensated Deuices Incorporated CD2810 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDI
MINIMUM
MAXIMUM
MAXIMUM
MAXIMUM REVERSE
MAXIMUM
FIGURE
TYPE
BREAKDOWN
FORWARD
FORWARD
LEAKAGE CURRENT
CAPACITANCE @
NUMBER
VOLTAGE
VOLTAGE
VOLTAGE
V
R
= 0 VOLTS
NUMBER
(2)
f = 1.0 MHZ
V
BR @ 10 µ AV
F @ 1 mA
VF @ IF
1R @ VR
CT
VOLTS
VOLTS
VOLTS @ mA
nA
VOLTS
PICO FARADS
CD2810
20
0.41
1.0 @ 35
100
15
1.2
1
CD5711
70
0.41
1.0 @15
200
50
2.0
2
CD5712
20
0.41
1.0 @ 35
150
16
1.2
1
CD6857
20
0.35
0.75 @ 35
150
16
4.5
2
CD6858
70
0.36
0.65 @ 15
200
50
4.5
2
0.27 @ 0.1
100
1
CD6916
40
0.34
0.34 @ 1.0
200
20
5
2
(2)
0.47 @ 10.0
500
40
NOTES: (1) Effective Minority Carrier Lifetime (
τ) is 100 Pico Seconds
(2) CD6916 V
BR
measured @ 500 nanoamps
MAXIMUM RATINGS
Operating Temperature: -55°C to +125°C
Storage Temperature: -65°C to +150°C
• 1N5711 AVAILABLE IN JANHC AND JANKC PER MIL-PRF-19500/444
• 1N5712 AVAILABLE IN JANHC AND JANKC PER MIL-PRF-19500/445
• SCHOTTKY BARRIER DIODE CHIPS FOR GENERAL PURPOSE APPLICATION
• SILICON DIOXIDE PASSIVATED
• COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES,
WITH THE EXCEPTION OF SOLDER REFLOW
DESIGN DATA
METALLIZATION:
Top: (Anode)...................... ..Al
Back: (Cathode)................. Au
o
AL THICKNESS.................25,000 A Min
o
GOLD THICKNESS... ..........4,000 A Min
CHIP THICKNESS............. .........10 Mils
TOLERANCES: ALL Dimensions
+ 2 mils, Except Anode Pad Where
Tolerance is + 0.5 mils.
BACKSIDE IS CATHODE
FIGURE 2
BACKSIDE IS CATHODE
FIGURE 1
CD2810
CD5711
CD5712
CD6857
CD6858
CD6916
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com


Similar Part No. - CD2810

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD281LL JIANGHAI-CD281LL Datasheet
1,010Kb / 5P
EC Radial 105째C Long Lifetime 3.000 - 12.000h Low ESR(Radial)
CD281LLH JIANGHAI-CD281LLH Datasheet
610Kb / 8P
6 000 - 12 000h at 105째C
More results

Similar Description - CD2810

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2SB075030MLJL SILAN-2SB075030MLJL Datasheet
74Kb / 1P
SCHOTTKY BARRIER DIODE CHIPS
2SB075040AMLJL SILAN-2SB075040AMLJL Datasheet
55Kb / 1P
SCHOTTKY BARRIER DIODE CHIPS
2SB075040ML SILAN-2SB075040ML Datasheet
18Kb / 1P
SCHOTTKY BARRIER DIODE CHIPS
2SB075060ML SILAN-2SB075060ML Datasheet
18Kb / 1P
SCHOTTKY BARRIER DIODE CHIPS
2SB082020MAJL SILAN-2SB082020MAJL Datasheet
25Kb / 1P
SCHOTTKY BARRIER DIODE CHIPS
2SB108040ML SILAN-2SB108040ML Datasheet
17Kb / 1P
SCHOTTKY BARRIER DIODE CHIPS
2SB108060ML SILAN-2SB108060ML Datasheet
18Kb / 1P
SCHOTTKY BARRIER DIODE CHIPS
2SB124060ML SILAN-2SB124060ML Datasheet
17Kb / 1P
SCHOTTKY BARRIER DIODE CHIPS
2SB139040ML SILAN-2SB139040ML Datasheet
18Kb / 1P
SCHOTTKY BARRIER DIODE CHIPS
logo
Jinan Jingheng (Group) ...
SR620 JINANJINGHENG-SR620 Datasheet
80Kb / 2P
SCHOTTKY BARRIER DIODE CHIPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com