Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THM10WI Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # THM10WI
Description  DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THM10WI Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  THM10WI Datasheet HTML 1Page - Touchstone Semiconductor Inc THM10WI Datasheet HTML 2Page - Touchstone Semiconductor Inc THM10WI Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.tracopower.com
DC/DC Converters
THM 10WI Series, 10 Watt
Order code
Input voltage range
Output voltage
Output current max.
Efficiency typ.
THM 10-0510WI
4.5 – 9 VDC
(5 VDC nominal)
3.3 VDC
2500 mA
80.0 %
THM 10-0511WI
5.0 VDC
2000 mA
84.0 %
THM 10-0512WI
12 VDC
830 mA
86.5 %
THM 10-0513WI
15 VDC
670 mA
87.0 %
THM 10-0515WI
24 VDC
416 mA
85.5 %
THM 10-0521WI
±5.0 VDC
±1000 mA
83.0 %
THM 10-0522WI
±12 VDC
±416 mA
85.5 %
THM 10-0523WI
±15 VDC
±333 mA
86.5 %
THM 10-2410WI
9 – 36 VDC
(12 VDC nominal)
3.3 VDC
2500 mA
83.0 %
THM 10-2411WI
5.0 VDC
2000 mA
86.5 %
THM 10-2412WI
12 VDC
830 mA
89.0 %
THM 10-2413WI
15 VDC
670 mA
89.0 %
THM 10-2415WI
24 VDC
416 mA
89.0 %
THM 10-2421WI
±5.0 VDC
±1000 mA
85.0 %
THM 10-2422WI
±12 VDC
±416 mA
89.0 %
THM 10-2423WI
±15 VDC
±333 mA
88.0 %
THM 10-4810WI
18 – 75 VDC
(48 VDC nominal)
3.3 VDC
2500 mA
82.5 %
THM 10-4811WI
5.0 VDC
2000 mA
86.5 %
THM 10-4812WI
12 VDC
830 mA
89.0 %
THM 10-4813WI
15 VDC
670 mA
89.0 %
THM 10-4815WI
24 VDC
416 mA
88.5 %
THM 10-4821WI
±5.0 VDC
±1000 mA
85.0 %
THM 10-4822WI
±12 VDC
±416 mA
88.0 %
THM 10-4823WI
±15 VDC
±333 mA
88.0 %
Models
Page 1 of 3
ES 60601-1
Features
◆
Ultra wide 4:1 input voltage
◆
I/O isolation 5000 VACrms rated for
250 working voltage
◆
2 x MOPP Medical safety according to
AAMI/ANSI ES 60601-1:2005(R) and
IEC/EN 60601-1 3rd edition
◆
Low leakage current <2 µA
◆
Very high efficiency up to 89%
◆
Extended operating temperature range
–40°C to 85°C.
◆
Input filter to meet EN55022 class A
◆
3-year product warranty
The THM-10WI series is a range of high performance, regulated 10 Watt DC/DC
converters in a DIP-24 plastic package. The reinforced I/O-isolation system com-
plies with the medical safety requirements for MOPP (Means Of Patient Protec-
tion). Together with a wide 4:1 input voltage range, and an internal EMI filter to
meet EN55022 class A the converters constitute also a reliable solution for many
demanding applications such as transportation systems, industrial control equip-
ments, measurement equipments, and some IGBT driver applications. With A high
efficiency of up to 87% and highest grade components the converters can reliably
operate in an ambient temperature range of –40 up to +85°C.


Similar Part No. - THM10WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THM10WI TRACOPOWER-THM10WI Datasheet
982Kb / 5P
DC/DC Medical Converter THM 10WI Series, 10 Watt
Rev. November 30, 2022
More results

Similar Description - THM10WI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com