Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMA Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # TMA
Description  DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TMA Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TMA Datasheet HTML 1Page - Touchstone Semiconductor Inc TMA Datasheet HTML 2Page - Touchstone Semiconductor Inc TMA Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.tracopower.com
Page 1 of 3
DC/DC Converters
TMA Series, 1 Watt
Features
◆
Single-in-line (SIP) package
◆
Single and dual output models
◆
I/O isolation 1‘000 VDC
◆
High efficiency up to 81%
◆
Operating temp. range –40°C to +85°C
◆
Industry standard pinout
◆
100% Burn-in (8 h)
◆
Lead free design, RoHS compliant
◆
3-year product warranty
The TMA series are miniature, isolated 1 W DC/DC-converters in a Single-in-Line
package (SIP). Requiring only 1.2 cm2 board space they offer the ideal solution in
many space critical applications for board level power distribution. The use of SMD-
technology makes it possible to offer a product with high performance at low cost.
Ordercode
Input voltage
Output voltage
Output current max.
Efficiency typ.
TMA 0505S
5 VDC
200 mA
71 %
TMA 0512S
12 VDC
80 mA
78 %
TMA 0515S
5 VDC ± 10%
15 VDC
65 mA
78 %
TMA 0505D
± 5 VDC
±100 mA
72 %
TMA 0512D
±12 VDC
± 40 mA
78 %
TMA 0515D
±15 VDC
±35 mA
79 %
TMA 1205S
5 VDC
200 mA
73 %
TMA 1212S
12 VDC
80 mA
80 %
TMA 1215S
12 VDC ± 10%
15 VDC
65 mA
80 %
TMA 1205D
±5 VDC
±100 mA
74 %
TMA 1212D
±12 VDC
±40 mA
81 %
TMA 1215D
±15 VDC
±35 mA
81 %
TMA 1505S
5 VDC
200 mA
73 %
TMA 1512S
12 VDC
80 mA
80 %
TMA 1515S
15 VDC ± 10%
15 VDC
65 mA
80 %
TMA 1505D
±5 VDC
±100 mA
74 %
TMA 1512D
±12 VDC
±40 mA
81 %
TMA 1515D
±15 VDC
±35 mA
81 %
TMA 2405S
5 VDC
200 mA
71 %
TMA 2412S
12 VDC
80 mA
78 %
TMA 2415S
24 VDC ± 10%
15 VDC
65 mA
79 %
TMA 2405D
±5 VDC
±100 mA
72 %
TMA 2412D
±12 VDC
±40 mA
79 %
TMA 2415D
±15 VDC
±35 mA
80 %
Models


Similar Part No. - TMA

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TMA TAITRON-TMA Datasheet
177Kb / 5P
Axial Ceramic Monolithic Capacitor
logo
EUROQUARTZ limited
TMA EUROQUARTZ-TMA Datasheet
129Kb / 2P
TMA SERIES SYNCHRONOUS TIMING MODULES
logo
Illinois Capacitor, Inc...
TMA ILLINOISCAPACITOR-TMA Datasheet
261Kb / 3P
Extended Life - High voltage
logo
M-System Co.,Ltd.
TMA MSYSTEM-TMA Datasheet
59Kb / 4P
ANALOG TELEMETERING MODULE
logo
TRACO Electronic AG
TMA TRACOPOWER-TMA Datasheet
892Kb / 4P
DC/DC Converter TMA Series, 1 Watt
Rev. November 30, 2022
More results

Similar Description - TMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com