Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TME Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # TME
Description  DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TME Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TME Datasheet HTML 1Page - Touchstone Semiconductor Inc TME Datasheet HTML 2Page - Touchstone Semiconductor Inc TME Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.tracopower.com
Page 1 of 3
DC/DC Converters
TME Series, 1 Watt
Features
◆
Single-in-line package (SIP)
◆
I/O isolation 1‘000 VDC
◆
High efficiency up to 80%
◆
Operating temperature –40°C to +85°C
◆
Industry standard pinout
◆
100% burn-in (8 h)
◆
Lead free design, RoHS compliant
◆
3-year product warranty
The TME series is a range of sub-miniature, isolated DC/DC-converters in a SIP-
package, which requires only 0.7 cm2 of board space. They provide a cost effective
solution to generate supplementary, isolated voltages. Full SMD-design and a 100%
production test of parameters ensure a high reliability of this product.
Ordercode
Input voltage
Output voltage
Output current max.
Efficiency typ.
TME 0303S
3.3 VDC
260 mA
74 %
TME 0305S
3.3 VDC ±10%
5.0 VDC
200 mA
77 %
TME 0503S
3.3 VDC
260 mA
72 %
TME 0505S
5 VDC
200 mA
70 %
TME 0509S
5 VDC ±10%
9 VDC
110 mA
76 %
TME 0512S
12 VDC
80 mA
77 %
TME 0515S
15 VDC
65 mA
78 %
TME 1205S
5 VDC
200 mA
71 %
TME 1209S
9 VDC
110 mA
77 %
TME 1212S
12 VDC ±10%
12 VDC
80 mA
79 %
TME 1215S
15 VDC
65 mA
80 %
TME 2405S
5 VDC
200 mA
70 %
TME 2409S
9 VDC
110 mA
76 %
TME 2412S
24 VDC ±10%
12 VDC
80 mA
79 %
TME 2415S
15 VDC
65 mA
79 %
Models


Similar Part No. - TME

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
TME COPAL-TME Datasheet
177Kb / 2P
Tactile Switches
logo
TRACO Electronic AG
TME TRACOPOWER-TME Datasheet
868Kb / 4P
DC/DC Converter TME Series, 1 Watt
Rev. November 30, 2022
logo
California Eastern Labs
TME-101B00 CEL-TME-101B00 Datasheet
726Kb / 3P
TOKYO KEIKI Solid State High Power Oscillators
logo
TRACO Electronic AG
TME0303S TRACOPOWER-TME0303S Datasheet
868Kb / 4P
DC/DC Converter TME Series, 1 Watt
Rev. November 30, 2022
TME0305S TRACOPOWER-TME0305S Datasheet
868Kb / 4P
DC/DC Converter TME Series, 1 Watt
Rev. November 30, 2022
More results

Similar Description - TME

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com