Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3822 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # CD3822
Description  1 WATT CAPABILITY WITH PROPER HEAT SINKING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CD3822 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  CD3822 Datasheet HTML 1Page - Compensated Deuices Incorporated CD3822 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
Forward Voltage @ 200mA: 1.2 volts maximum
ELECTRICAL CHARACTERISTICS @ 25°C
CDI
NOMINAL
ZENER
MAX. DC
TYPE
ZENER
TEST
MAXIMUM ZENER IMPEDANCE
ZENER
MAX. REVERSE
NUMBER
VOLTAGE
CURRENT
CURRENT
LEAKAGE CURRENT
VZ @1ZT
1ZT
ZZT @ 1ZT
ZZK @ IZK=1mA
1
ZM
l
R
@ V
R
(NOTE 1)
(NOTE 2)
(NOTE 3)
VOLTS
mA
OHMS
OHMS
mA
µ A
VOLTS
CD3821
3.3
76
10
400
276
100
1
CD3821A
3.3
76
10
400
276
100
1
CD3822
3.6
69
1040
0
252
75
1
CD3822A
3.6
69
1040
0
252
75
1
CD3823
3.9
64
9
400
238
25
1
CD3823A
3.9
64
9
400
238
25
1
CD3824
4.3
58
9
400
213
5
1
CD3824A
4.3
58
9
400
213
5
1
CD3825
4.7
53
8
500
194
5
1
CD3825A
4.7
53
8
500
194
5
1
CD3826
5.1
49
7
550178
3
1
CD3826A
5.1
49
7
550178
3
1
CD3827
5.6
45
5
600
162
3
2
CD3827A
5.6
45
5
600
162
3
2
CD3828
6.2
41
2
700
146
3
3
CD3828A
6.2
41
2
700
146
3
3
NOTE 1
Zener voltage range equals nominal voltage + 5% for “A” Suffix No Suffix denotes + 10%.
"C" suffix denotes + 2%, "D" suffix denotes + 1%.
NOTE 2
Zener voltage is read using a pulse measurement, 10 milliseconds maximum.
NOTE 3
Zener impedance is derived by superimposing on 1
ZT
A 60Hz rms a.c. current equal
to 10% of 1
ZT
.
• 1N3821A THRU 1N3828A AVAILABLE IN
JANHC
• PER MIL-PRF-19500/115
• 1 WATT CAPABILITY WITH PROPER HEAT SINKING
• ALL JUNCTIONS COMPLETELY PROTECTED WITH SILICON DIOXIDE
• COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES,
WITH THE EXCEPTION OF SOLDER REFLOW
CD3821
thru
CD3828A
Backside is Cathode
FIGURE 1
DESIGN DATA
METALLIZATION:
Top: (Anode)......................Al
Back: (Cathode).............. ...Au
AL THICKNESS....... ....25,000
Å Min
GOLD THICKNESS........4,000
Å Min
CHIP THICKNESS............. .....10 Mils
CIRCUIT LAYOUT DATA:
For Zener operation, cathode
must be operated positive with
respect to anode.
TOLERANCES: ALL
Dimensions + 2 mils
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com


Similar Part No. - CD3822

ManufacturerPart #DatasheetDescription
logo
celduc-relais
CD30 CELDUC-CD30 Datasheet
54Kb / 2P
REED SWITCH DRY CONTACT CHANGEOVER
logo
Continental Device Indi...
CD3001 CDIL-CD3001 Datasheet
169Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
celduc-relais
CD30060100 CELDUC-CD30060100 Datasheet
54Kb / 2P
REED SWITCH DRY CONTACT CHANGEOVER
logo
Compensated Deuices Inc...
CD3016B CDI-DIODE-CD3016B Datasheet
113Kb / 2P
1 WATT CAPABILITY WITH PROPER HEAT SINKING
CD3017B CDI-DIODE-CD3017B Datasheet
113Kb / 2P
1 WATT CAPABILITY WITH PROPER HEAT SINKING
More results

Similar Description - CD3822

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD3016B CDI-DIODE-CD3016B Datasheet
113Kb / 2P
1 WATT CAPABILITY WITH PROPER HEAT SINKING
CD957B CDI-DIODE-CD957B Datasheet
114Kb / 2P
0.5 WATT CAPABILITY WITH PROPER HEAT SINKING
logo
OPTEK Technologies
OPA742 OPTEK-OPA742 Datasheet
142Kb / 1P
1 Watt Light Spot on Anotherm Linear Heat Spreader with Lens
logo
Texas Instruments
NE567V TI-NE567V Datasheet
1Mb / 18P
Logic Compatible Output with 100 mA Current Sinking Capability
logo
First Components Intern...
Z10-110 FCI-Z10-110 Datasheet
257Kb / 3P
1 Watt ZENER DIODES (110V to 390V) Excellent Clamping Capability
logo
M.S. Kennedy Corporatio...
MSK3004 MSK-MSK3004_15 Datasheet
174Kb / 6P
Isolated Package for Direct Heat Sinking, Excellent Thermal Conductivity
MSK3014 MSK-MSK3014_15 Datasheet
147Kb / 5P
Isolated Package for Direct Heat Sinking, Excellent Thermal Conductivity
MSK3016 MSK-MSK3016_15 Datasheet
137Kb / 5P
Isolated Package for Direct Heat Sinking, Excellent Thermal Conductivity
MSK3017 MSK-MSK3017_15 Datasheet
137Kb / 5P
Isolated Package for Direct Heat Sinking, Excellent Thermal Conductivity
logo
TT Electronics.
OPA742 TTELEC-OPA742 Datasheet
477Kb / 1P
1 Watt Light Spot on OptoTherm Linear Heat Spreader with Lens
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com