Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4565 Datasheet(PDF) 2 Page - Compensated Deuices Incorporated

Part # CD4565
Description  6.4 VOLT ZENER VOLTAGE 5%
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CD4565 Datasheet(HTML) 2 Page - Compensated Deuices Incorporated

  CD4565 Datasheet HTML 1Page - Compensated Deuices Incorporated CD4565 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CD4565 thru CD4584A
TYPICAL CHANGE OF TEMPERATURE COEFFICIENT WITH CHANGE IN OPERATING CURRENT
+.0015
+.0010
+.0005
0
-.0005
-.0010
-.0015
+.0010
+.0005
0
-.0005
-.0010
ZENER IMPEDANCE VS. OPERATING CURRENT
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
OPERATING CURRENT l
ZT
(mA)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
OPERATING CURRENT l
ZT
(mA)
.25
.5
1.0
1.5
2.0
OPERATING CURRENT l
ZT
(mA)
.1
.2.3
.4
.5
.6
.7
.8
.9
OPERATING CURRENT l
ZT
(mA)
.25 .5
1.0
1.5
2.0
2.5
3.0
3.5
OPERATING CURRENT IZT (mA)
1.0
2.0
3.0
4.0
5.0
6.0
OPERATING CURRENT IZT (mA)
10000
5000
1000
500
100
50
10
10000
5000
1000
500
100
50
10
CD4565-CD4569
CD4570-CD4574
CD4575-CD4579
CD4580-CD4584
CD4565-CD4574
CD4575-CD4584



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com