Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S80ASD Datasheet(PDF) 2 Page - Analog Devices

Part # AD2S80ASD
Description  Variable Resolution, Monolithic Resolver-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S80ASD Datasheet(HTML) 2 Page - Analog Devices

  AD2S80ASD Datasheet HTML 1Page - Analog Devices AD2S80ASD Datasheet HTML 2Page - Analog Devices AD2S80ASD Datasheet HTML 3Page - Analog Devices AD2S80ASD Datasheet HTML 4Page - Analog Devices AD2S80ASD Datasheet HTML 5Page - Analog Devices AD2S80ASD Datasheet HTML 6Page - Analog Devices AD2S80ASD Datasheet HTML 7Page - Analog Devices AD2S80ASD Datasheet HTML 8Page - Analog Devices AD2S80ASD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD2S80A–SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Unit
SIGNAL INPUTS
Frequency
50
20,000
Hz
Voltage Level
1.8
2.0
2.2
V rms
Input Bias Current
60
150
nA
Input Impedance
1.0
M
Ω
Maximum Voltage
8V pk
REFERENCE INPUT
Frequency
50
20,000
Hz
Voltage Level
1.0
8.0
V pk
Input Bias Current
60
150
nA
Input Impedance
1.0
M
Ω
CONTROL DYNAMICS
Repeatability
1
LSB
Allowable Phase Shift
(Signals to Reference)
–10
+10
Degrees
Tracking Rate
10 Bits
1040
rps
12 Bits
260
rps
14 Bits
65
rps
16 Bits
16.25
rps
Bandwidth
1
User Selectable
ACCURACY
Angular Accuracy
A, J, S
8 +1 LSB
arc min
B, K, T
4 +1 LSB
arc min
L, U
2 +1 LSB
arc min
Monotonicity
Guaranteed Monotonic
Missing Codes (16-Bit Resolution)
A, B, J, K, S, T
4
Codes
L, U
1
Code
VELOCITY SIGNAL
Linearity
Over Full Range
±1
3
% FSD
Reversion Error
±1
±2
% FSD
DC Zero Offset
2
6
mV
DC Zero Offset Tempco
–22
µV/°C
Gain Scaling Accuracy
±10
% FSD
Output Voltage
1 mA Load
±8
±9
±10.5
V
Dynamic Ripple
Mean Value
1.5
% rms O/P
Output Load
1.0
k
Ω
INPUT/OUTPUT PROTECTION
Analog Inputs
Overvoltage Protection
±8V
Analog Outputs
Short Circuit O/P Protection
±5.6
±8
±10.4
mA
DIGITAL POSITION
Resolution
10, 12, 14, and 16
Output Format
Bidirectional Natural Binary
Load
3
LSTTL
INHIBIT3
Sense
Logic LO to Inhibit
Time to Stable Data
600
ns
ENABLE3
Logic LO Enables Position
Output. Logic HI Outputs in
ENABLE Time
High Impedance State
35
110
ns
BYTE SELECT
3
Sense
MS Byte DB1–DB8,
LS Byte DB9–DB16
LOGIC LO
LS Byte DB1–DB8,
LS Byte DB9–DB16
Time to Data Available
60
140
ns
SHORT CYCLE INPUTS
Internally Pulled High
(100 k
Ω) to +V
S
SC1
SC2
0
0
10 Bit
0
1
12 Bit
1
0
14 Bit
1
1
16 Bit
(typical at 25 C unless otherwise noted)
–2–
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com