Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9524/PCBZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9524/PCBZ
Description  Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524/PCBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9524/PCBZ Datasheet HTML 38Page - Analog Devices AD9524/PCBZ Datasheet HTML 39Page - Analog Devices AD9524/PCBZ Datasheet HTML 40Page - Analog Devices AD9524/PCBZ Datasheet HTML 41Page - Analog Devices AD9524/PCBZ Datasheet HTML 42Page - Analog Devices AD9524/PCBZ Datasheet HTML 43Page - Analog Devices AD9524/PCBZ Datasheet HTML 44Page - Analog Devices AD9524/PCBZ Datasheet HTML 45Page - Analog Devices AD9524/PCBZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
AD9524
Data Sheet
Rev. E | Page 42 of 56
Addr
(Hex)
Register
Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
0xA0C
Dividers
Size of transfer: 44 bytes
0x2B
0xA0D
Starting address: 0x0190
0x01
0xA0E
0x90
0xA0F
Clock input
and REF
Size of transfer: two bytes
0x01
0xA10
Starting address: 0x01E0
0x01
0xA11
0xE0
0xA12
Other
Size of transfer: four bytes
0x03
0xA13
Starting address: 0x0230
0x02
0xA14
0x30
0xA15
IO_UPDATE
Command: IO_UPDATE
0x80
0xA16
End of data
Command: End of data
0xFF
EEPROM Control
0xB00
Status_
EEPROM
(read only)
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Status_
EEPROM
(read only)
0x00
0xB01
EEPROM error
checking
readback
(read only)
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
EEPROM
data error
(read only)
0x00
0xB02
EEPROM
Control 1
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Soft_EEPROM
Enable
EEPROM write
0x00
0xB03
EEPROM
Control 2
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
REG2EEPROM
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com