Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

466320-43 Datasheet(PDF) 21 Page - Tyco Electronics

Part # 466320-43
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

466320-43 Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 466320-43 Datasheet HTML 17Page - Tyco Electronics 466320-43 Datasheet HTML 18Page - Tyco Electronics 466320-43 Datasheet HTML 19Page - Tyco Electronics 466320-43 Datasheet HTML 20Page - Tyco Electronics 466320-43 Datasheet HTML 21Page - Tyco Electronics 466320-43 Datasheet HTML 22Page - Tyco Electronics 466320-43 Datasheet HTML 23Page - Tyco Electronics 466320-43 Datasheet HTML 24Page - Tyco Electronics 466320-43 Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
155
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Commercial MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Wire Size
Ins. Dia.
Contact Part Numbers
HDM
Hand Tool
Range
Material & Finish
Pin
Socket
Applicator
AWG [mm2]
Range
Strip Form
Loose Piece
Strip Form
Loose Piece
Part No.
Part No.
30-22
.040-.075
Brass, Pre-tin
350079-1
61174-1
350078-1
61173-1
466426-13
[.05-.3]
1.02-1.91
Phos. Brz., Pre-tin
350079-4
—
350078-4
61173-4
466426-23
91515-1
Brass, Gold1
350079-5
61174-5
350078-5
61173-5
466426-33
Brass, Pre-tin
61116-1
60618-1
61314-1
60617-1
24-18
.060-.100
Phos. Brz., Pre-tin
61116-4
60618-4
61314-4
60617-4
466320-13
91512-1
Brass, Gold1
61116-5
60618-5
61314-5
60617-5
466320-23
[.2-.8]
1.52-2.54
Phos. Brz., Select Gold2
61116-6
60618-6
61314-6
60617-6
466320-43
91528-14
Brass, Select Gold2
61116-7
—
61314-7
—
Brass, Pre-tin
61118-1
60620-1
61117-1
60619-1
20-14
.100-.130
Phos. Brz., Pre-tin
61118-4
60620-4
61117-4
60619-4
687763-13
Brass, Gold1
61118-5
60620-5
61117-5
60619-5
687763-23
91504-1
[.5-2.0]
2.54-3.30
Phos. Brz., Gold1
61118-6
—
61117-6
60619-7
687763-63
Brass, Select Gold2
61118-7
—
61117-7
—
(2) 18 [.8] or (2) .115 Max.
Brass, Pre-tin
350558-1
350639-1
350557-1
—
687898-13
(1) 18 [.8] and
2.92
687898-23
91504-1
(1) 16 [1.2]
(stacked)
Phos. Brz., Pre-tin
350558-4
—
350557-4
350638-4
687898-43
1
Gold Finish — Plated with .000030 [.000762] min. gold in mating area and inside wire barrel over .000050 [.00127] min. nickel underplate on entire contact.
2
Select Gold Finish — Plated with .000030 [.000762] min. gold in mating area over .000050 [.00127] min. nickel underplate on entire contact.
3
HDM Applicator part number ending in -1 is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is used on AMP-O-LECTRIC Model K
Machine; -3, -4, or -6 is used on AMP-O-LECTRIC Model G Machine. See pages 207-210 for further information.
4
Use Hand Tool No. 91528-1 for .043-.075 [1.09-1.90] insulation diameter.
Notes:
1. Extraction Tools: Pins — No. 1-305183-1 (IS 408-7158); Sockets — No. 1-305183-2 (IS 408-7158); Pins and Sockets — No. 465644-1 (IS 408-7211)
2. Insertion Tools: No. 455830-1 (IS 408-7984)
Contacts
Pin diameter .084 [2.13]
Stock thickness .012 [.305]
These contacts are to be used in
Commercial MATE-N-LOK housings
only.
Related Product Data
Product Specification
108-1000
Commercial MATE-N-LOK
Connectors
Application Specification
114-1012
Commercial MATE-N-LOK
Contacts
Performance Characteristics—
pages 151-152
Housings—pages 157-159
Technical Documents—pages 151
and 205-206
Application Tooling—pages 207-210
Pin
Socket
Commoning Tabs
Material and Finish
Brass, tin plated
Stock thickness .008 [.203]
.805
[20.44]
.695
[17.65]
A
B
.170
[4.32]
.008
[.203]
Number of
Dimensions
Part
Holes
AB
Number
2
.377
.203
60843-1
9.58
5.16
2
.355
.195
350444-1
9.02
4.95
3
.579
.203
60842-1
14.71
5.16
3
.550
.195
350444-2
13.97
4.95
Note: Commoning tabs are designed to be used with pin housings.
Note: All part numbers are RoHS Compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com