Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4148 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # D4148
Description  SWITCHING DIODE CHIPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

D4148 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  D4148 Datasheet HTML 1Page - Compensated Deuices Incorporated D4148 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
DESIGN DATA
METALLIZATION:
Top: (Anode) ....................Al
Back: (Cathode)..............Au
AL THICKNESS ............25,000 Å Min
GOLD THICKNESS ........4,000 Å Min
CHIP THICKNESS ..................10 Mils
TOLERANCES: ALL
Dimensions ± 2 mils
• IN4148 AVAILABLE IN
JANHC AND JANKC
• SWITCHING DIODE CHIPS
• ALL JUNCTIONS COMPLETELY PROTECTED WITH SILICON DIOXIDE
• COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES WITH
THE EXCEPTION OF SOLDER REFLOW
CD4148
CD914
CD3600
CD4150
CD4153
CD4454
MAXIMUM RATINGS
Operating Temperature: -55°C to +175°C
Storage Temperature: -65°C to +175°C
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified
VBR
VRWM
I O
VF1
VF2
VF3
t
rr
TYPE
@100
µ A
@IF = 10mA
@IF = 50mA
@IF = 100mA
Volts (min)
Volts (pk)
mA
Vdc
Vdc
Vdc
n sec
CD914
100
75
75
0.8
1.2
N/A
5
CD4148
100
75
200
0.8
N/A
1.2
5
CD4454
75
50
200
1.0
N/A
N/A
4
IR1
IR2
IR3
IR4
CAPACITANCE
CAPACITANCE
TYPE
@20Vdc
@20Vdc
@OV
@1.5V
TA+150°CTA+150°C
nA
µ A@ V
µ A
µ A @ V
pF
pF
CD914
25
0.5 @ 75
35
75 @ 75
4.0
2.8
CD4148
25
0.5 @ 75
35
75 @ 75
4.0
2.8
CD4454
N/A
0.1 @ 50
N/A
100 @ 50
2.0
N/A
*@5
µ A for CD4153
FORWARD VOLTAGE LIMITS - CD3600 and CD4150
C
VBR
VRWM
I R1
I R2
VR = 0:f = 1 Mhz;
trr
TYPE
VR = 50 Vdc
VR = 50 Vdc
ac signals =
IR = 10 µ A*
TA = 25˚C
TA = 150˚C
50m V (p-p)
VOLTS (MIN)
V (pk)
µ Adc
µ A dc
pF
ns
CD3600
75
50
0.10
100
2.5
4
CD4150
75
50
0.10
100
2.5
4
CD4153
75*
50
0.05
50
2.0
4
VF1
VF2
VF3
VF4
VF5
LIMITS
IF = 1mA dc IF = 10mA dc
IF = 50mA dc IF = 100mA dc IF = 200mA dc
(Pulsed)
(Pulsed)
(Pulsed)
V dc
V dc
V dc
V dc
V dc
minimum
0.540
0.680
0.780
0.820
0.870
maximum
0.620
0.740
0.860
0.920
1.000
BACKSIDE IS CATHODE
FIGURE 1
VF1
VF2
VF3
VF4
VF5
VF6
LIMITS
IF = 100 µ Adc
IF = 250 µ Adc
IF = 1 mA dc
IF = 2 mA dc
IF = 10 mA dc
IF = 20 mA dc
Vdc
V dc
Vdc
V dc
Vdc
V dc
minimum
0.49
0.53
0.59
0.62
0.70
0.74
minimum
0.55
0.59
0.67
0.70
0.81
0.88
FORWARD VOLTAGE LIMITS - CD4153


Similar Part No. - D4148

ManufacturerPart #DatasheetDescription
logo
NEC
D41464 NEC-D41464 Datasheet
697Kb / 19P
DYNAMIC NMOS RAM
More results

Similar Description - D4148

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CD4148 MICROSEMI-CD4148 Datasheet
99Kb / 2P
SWITCHING DIODE CHIPS
logo
SeCoS Halbleitertechnol...
SCS202NF SECOS-SCS202NF Datasheet
668Kb / 2P
Dual Series Chips Surface Mount Switching Diode
logo
Silan Microelectronics ...
2KG023075JL SILAN-2KG023075JL Datasheet
38Kb / 1P
SWITCHING DIODE CHIPS
2KG026075JL SILAN-2KG026075JL Datasheet
38Kb / 1P
SWITCHING DIODE CHIPS
2KG026075YQ SILAN-2KG026075YQ Datasheet
46Kb / 1P
SWITCHING DIODE CHIPS
2KG028075JL SILAN-2KG028075JL Datasheet
38Kb / 1P
SWITCHING DIODE CHIPS
2KG028075YQ SILAN-2KG028075YQ Datasheet
40Kb / 1P
SWITCHING DIODE CHIPS
2KG034350JL SILAN-2KG034350JL Datasheet
51Kb / 1P
SWITCHING DIODE CHIPS
2KG037075NJL SILAN-2KG037075NJL Datasheet
77Kb / 1P
COMMON CATHODE DOUBLE DICE SWITCHING DIODE CHIPS
2KG037075PJL SILAN-2KG037075PJL Datasheet
77Kb / 1P
COMMON ANODE DOUBLE DICE SWITCHING DIODE CHIPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com