Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS95 Datasheet(PDF) 4 Page - Motorola, Inc

Part # 74LS95
Description  4-BIT SHIFT REGISTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS95 Datasheet(HTML) 4 Page - Motorola, Inc

  74LS95 Datasheet HTML 1Page - Motorola, Inc 74LS95 Datasheet HTML 2Page - Motorola, Inc 74LS95 Datasheet HTML 3Page - Motorola, Inc 74LS95 Datasheet HTML 4Page - Motorola, Inc 74LS95 Datasheet HTML 5Page - Motorola, Inc 74LS95 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5-174
FAST AND LS TTL DATA
SN54/74LS95B
DESCRIPTION OF TERMS
SETUP TIME(ts) —is defined as the minimum time required
for the correct logic level to be present at the logic input prior to
the clock transition from HIGH to LOW in order to be recog-
nized and transferred to the outputs.
HOLD TIME (th) — is defined as the minimum time following
the clock transition from HIGH to LOW that the logic level must
be maintained at the input in order to ensure continued recog-
nition. A negative HOLD TIME indicates that the correct logic
level may be released prior to the clock transition from HIGH to
LOW and still be recognized.
AC WAVEFORMS
Figure 1
Figure 2
The shaded areas indicate when the input is permitted to change for predictable output performance.
1.3 V
1.3 V
1.3 V 1.3 V
1.3 V
th(H)
ts(H)
ts(L)
th(L)
tW
l/fmax
tPHL
tPLH
*The Data Input is
(DS for CP1) or (Pn for CP2).
D
CP1 or CP2
Q
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
ts(L)
ts(H)
th(L)
ts(L)
ts(H)
ts(L)
ts(H)
th(H)
tW
th(L OR H)
STABLE
(H
L ONLY)
S
CP1
CP2
tW
1.3 V
1.3 V
1.3 V
1.3 V
(L
H ONLY)
(L
H ONLY)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com